Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RHLE Datasheet(PDF) 71 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RHLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RHLE Datasheet(HTML) 71 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RHLE Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP032D-RHLE Datasheet HTML 75Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
71
Rev. A12
08/04/2020
8.27 READ EXTENDED READ PARAMETERS OPERATION (RDERP, 81h)
Prior to, or after setting Extended Read Register, the data of the Extended Read Register can be confirmed by the
RDERP command. The instruction is only applicable for the volatile Extended Read Register, not for the non-
volatile Extended Read Register.
During the execution of a Program, Erase or Write Non-Volatile Register operation, the RDERP instruction will be
executed, which can be used to check the progress or completion of an operation by reading the WIP bit.
Figure 8.46 Read Extended Read Parameters Sequence In SPI Mode
Instruction = 81h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV
Figure 8.47 Read Extended Read Parameters Sequence In QPI Mode
81h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
tV
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com