Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3116 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3116
Description  STM32?™?s ADC modes and their applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3116 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3116 Datasheet HTML 9Page - STMicroelectronics AN3116 Datasheet HTML 10Page - STMicroelectronics AN3116 Datasheet HTML 11Page - STMicroelectronics AN3116 Datasheet HTML 12Page - STMicroelectronics AN3116 Datasheet HTML 13Page - STMicroelectronics AN3116 Datasheet HTML 14Page - STMicroelectronics AN3116 Datasheet HTML 15Page - STMicroelectronics AN3116 Datasheet HTML 16Page - STMicroelectronics AN3116 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN3116
Dual modes
Doc ID 16840 Rev 1
13/18
With Ts = 13.5 cycles, the maximum allowed impedance of the source (RAIN) is 19 k. Since
the source has an impedance RAIN = 10 k < 19 k the impedance condition is respected.
With a single ADC and with Ts = 1.5 (corresponding to 1.2 k), the impedance condition is
not satisfied. By using two ADCs, we have thus extended the impedance margin from
1.2 k
 to 19 k.
With the dual slow interleaved ADC mode, the 1 Msamples/second sampling rate is
achieved with higher input impedances.
2.4
Dual alternate trigger mode
2.4.1
Description
The dual alternate trigger ADC mode can be used only on an injected channel group. In this
mode, ADC1 and ADC2 alternately convert the injected channels on the same external
trigger. When the first trigger occurs, all injected group channels in ADC1 are converted.
When the second trigger happens, all injected group channels in ADC2 are converted and
so on. The maximum number of injected channels in the group is 4 for each ADC.
Note:
An example of firmware is provided with this application note: Dual_AlternateTrigger.
Figure 11. Dual alternate trigger mode
2.4.2
Example of application
The dual alternate trigger mode makes it possible to have sampling points as close as
possible to each other (down to 1.5 ADC cycles). This is interesting for instance in motor
control applications, where a single-shunt sensor is used for three-phase current reading. In
some cases, the PWM duty cycle of the power stage has to be limited to maintain a
minimum time slot for two consecutive conversions. If the sampling points are as close as
possible, the PWM duty cycle is maximized, which increases the voltage applied to the
motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com