Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RWLE Datasheet(PDF) 78 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RWLE
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RWLE Datasheet(HTML) 78 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RWLE Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 82Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
78
Rev. A12
08/04/2020
8.32 READ SFDP OPERATION (RDSFDP, 5Ah)
The Serial Flash Discoverable Parameters (SFDP) standard provides a consistent method of describing the
functions and features of serial Flash devices in a standard set of internal parameter tables. These parameters can
be interrogated by host system software to enable adjustments needed to accommodate divergent features from
multiple vendors. For more details please refer to the JEDEC Standard JESD216 (Serial Flash Discoverable
Parameters).
The sequence of issuing RDSFDP instruction in SPI mode is:
CE# goes low  Send RDSFDP instruction (5Ah)  Send 3 address bytes on SI pin  8 dummy cycles on SI pin
 Read SFDP code on SO  End RDSFDP operation by driving CE# high at any time during data out. Refer to
ISSI’s Application note for SFDP table. The data at the addresses that are not specified in SFDP table are
undefined.
RDSFDP Sequence in QPI mode, has 8 dummy cycles before SFDP code, too.
Figure 8.57 RDSFDP (Read SFDP) Sequence in SPI mode
Instruction = 5Ah
Dummy Cycles
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3 Byte Address
Data Out
tV
...
8.33 NO OPERATION (NOP, 00h)
The No Operation command solely cancels a Reset Enable command and has no impact on any other commands.
It is available in both SPI and QPI modes. To execute a NOP, the host drives CE# low, sends the NOP command
cycle (00H), then drives CE# high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com