Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X710-DA4 Datasheet(PDF) 4 Page - Intel Corporation

Part # X710-DA4
Description  Dual and quad-port 10 Gigabit Ethernet adapters for OCP NIC 3.0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

X710-DA4 Datasheet(HTML) 4 Page - Intel Corporation

  X710-DA4 Datasheet HTML 1Page - Intel Corporation X710-DA4 Datasheet HTML 2Page - Intel Corporation X710-DA4 Datasheet HTML 3Page - Intel Corporation X710-DA4 Datasheet HTML 4Page - Intel Corporation X710-DA4 Datasheet HTML 5Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FEATURES
DESCRIPTION
MANAGEABILITY FEATURES (CONTINUED)
Firmware inventory and update
• Allows firmware updates prior to OS boot. (To be supported in an upcoming software update.)
Secure firmware
• Prevents the execution and update of unsigned and unauthenticated firmware components.
NC-SI package addressing
• Assigns a unique ID to each Ethernet controller sharing a single NC-SI physical connection to prevent
addressing conflicts.
SPECIFICATIONS
GENERAL
Connections
Quad and Dual SFP+ cages
Network Standard Physical Layer Interfaces
10GBASE-SR and -LR optical transceivers
10GbE SFP+ DAC
THERMALS AND AIRFLOW
Dual Port
Heat sink to Port (0 - 65 °C)
Minimum LFM
Heat sink to Port (0 - 55 °C)
Minimum LFM
Port to heat sink (0 - 35 °C)
Minimum LFM
Direct Attach cable 70 °C case
0 LFM
0 LFM
0 LFM
Optical Transceiver (1.5W) 70 °C Case
150 LFM
150 LFM
50 LFM
Optical Transceiver (1.5W) 85 °C Case
100 LFM
50 LFM
50 LFM
Quad Port
Heat sink to Port (0 - 65 °C)
Minimum LFM
Heat sink to Port (0 - 55 °C)
Minimum LFM
Port to heat sink (0 - 35 °C)
Minimum LFM
Direct Attach cable 70 °C case
50 LFM
0 LFM
0 LFM
Optical Transceiver (1.5W) 70 °C Case
550 LFM
400 LFM
50 LFM
Optical Transceiver (1.5W) 85 °C Case
300 LFM
150 LFM
50 LFM
Notes: Data represents the maximum measured values across all voltage and temperature corners and not theoretical maximums. Power consumption of transceivers varies.
TECHNICAL FEATURES
Storage Temperature
40 °C to 70 °C (-40 °F to 158 °F )
Storage Humidity
Maximum: 90% non-condensing relative
humidity at 35 °C
ADAPTER FEATURES
Data Rate Supported
Per Port
Optical: 1/10GbE
Direct Attach: 10GbE
Bus Type
PCI Express v3.0 (8 GT/s)
Bus Width
PCI Express x8
Interrupt Levels
INTA, MSI, MSI-X
Hardware Certifications
FCC A, UL, CE, VCCI, BSMI, CTICK, KCC
Controller
Intel® Ethernet Controller XL710-BM1 (Quad Port)
Intel® Ethernet Controller X710-BM2 (Dual Port)
POWER CONSUMPTION
SKU and Media Type
Typical Power
Maximum Power
Dual Port Direct Attach
2.86 W
4.58 W
Dual Port 10GBASE-SR
4.29 W
5.52 W
Dual Port 10GBASE-LR
4.59 W
6.23 W
Quad Port Direct Attach
3.92 W
4.71 W
Quad Port 10GBASE-SR
5.66 W
6.95 W
Quad Port 10GBASE-LR
7.04 W
8.64 W
PHYSICAL DIMENSIONS
115mm x 76mm (OCP NIC 3.0 Small Form Factor)
PRODUCT ORDER CODES
Configuration
Product Code
Dual port
X710DA2OCPV3
Quad port
X710DA4OCPV3
SUPPORTED OPERATING SYSTEMS
For a complete list of supported network operating systems for
Intel® Ethernet 700 Series Adapters visit:
intel.com/support/EthernetOS
INTEL® ETHERNET ACCESSORIES
Intel® Ethernet Optics and Cables are proven, reliable solutions for
high-density Ethernet connections. Combine these accessories with
Intel® Ethernet 700 Series Network Adapters for dependable
interoperability and consistent performance across the network.
Learn more at
intel.com/ethernetproducts
Warranty
Standard Intel limited warranty, one year. See Intel terms and
conditions of sale for more details.
Product Information
For information about Intel® Ethernet Products, visit:
intel.com/ethernetproducts
Customer Support
For customer support options in North America visit:
intel.com/content/www/us/en/support/contact-support.html
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com