Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-ATSQTP Datasheet(PDF) 10 Page - Microchip Technology

Part # MXT1664T3-ATSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATSQTP Datasheet(HTML) 10 Page - Microchip Technology

Back Button MXT1664T3-ATSQTP Datasheet HTML 6Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 7Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 8Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 9Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 10Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 11Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 12Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 13Page - Microchip Technology MXT1664T3-ATSQTP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 10
 2018 Microchip Technology Inc.
C2
COMMSEL
I
VddIO
Communications Interface Selection; see Section 7.1
“Host Communication Mode Selection – COMMSEL
Pin”
–
C3
AVDD
P
–
Analog power
–
C4
NC
–
–
No connection
–
C5
NC
–
–
No connection
–
C6
NC
–
–
No connection
–
C7
NC
–
–
No connection
–
C8
NC
–
–
No connection
–
C9
NC
–
–
No connection
–
C10
Y48
S
AVdd
Y line connection
Leave open
C11
Y44
S
AVdd
Y line connection
Leave open
C12
Y40
S
AVdd
Y line connection
Leave open
C13
Y37
S
AVdd
Y line connection
Leave open
C14
GND
P
–
Ground
–
C15
X28
S
XVdd
X matrix drive line
Leave open
C16
X29
S
XVdd
X matrix drive line
Leave open
C17
X30
S
XVdd
X matrix drive line
Leave open
C18
X31
S
XVdd
X matrix drive line
Leave open
C19
NC
–
–
No connection
–
D1
I2CMODE
I
VddIO
I2C Mode: Selects I2C mode; see Section 7.2 “I2C
Mode Selection – I2CMODE Pin”
–
D2
NOISE_IN
I
VddIO
Noise present input
Connect to GND
D3
GND
P
–
Ground
–
D4
GND
P
–
Ground
–
D5
NC
–
–
No connection
–
D6
NC
–
–
No connection
–
D7
NC
–
–
No connection
–
D8
NC
–
–
No connection
–
D9
Y51
S
AVdd
Y line connection
Leave open
D10
Y47
S
AVdd
Y line connection
Leave open
D11
Y43
S
AVdd
Y line connection
Leave open
D12
Y39
S
AVdd
Y line connection
Leave open
D13
Y36
S
AVdd
Y line connection
Leave open
D14
XVDD
P
–
X line drive power
–
D15
X23
S
XVdd
X matrix drive line
Leave open
D16
X24
S
XVdd
X matrix drive line
Leave open
D17
X25
S
XVdd
X matrix drive line
Leave open
D18
X26
S
XVdd
X matrix drive line
Leave open
D19
X27
S
XVdd
X matrix drive line
Leave open
E1
CHG
OD
VddIO
Change line interrupt.
This line is briefly set (~100 ms) as an input after
power-up or reset for diagnostic purposes
–
TABLE 2:
PIN LISTING – 162-BALL UFBGA (CONTINUED)
Ball
Name
Type
Supply
Description
If Unused...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com