Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RMLA3 Datasheet(PDF) 56 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RMLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RMLA3 Datasheet(HTML) 56 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RMLA3 Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP032D-RMLA3 Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP032D-RMLA3 Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP032D-RMLA3 Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP032D-RMLA3 Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP032D-RMLA3 Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP032D-RMLA3 Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP032D-RMLA3 Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP032D-RMLA3 Datasheet HTML 60Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
56
Rev. A12
08/04/2020
8.14 WRITE ENABLE OPERATION (WREN, 06h)
The Write Enable (WREN) instruction is used to set the Write Enable Latch (WEL) bit. The WEL bit is reset to the
write-protected state after power-up. The WEL bit must be write enabled before any write operation, including
Sector Erase, Block Erase, Chip Erase, Page Program, Program Information Row, Write Status Register, Write
Function Register, Set non-volatile Read Register, Set non-volatile Extended Read Register, and Write Autoboot
Register operations except for Set volatile Read Register and Set volatile Extended Read Register. The WEL bit
will be reset to the write-protected state automatically upon completion of a write operation. The WREN instruction
is required before any above operation is executed.
Figure 8.22 Write Enable Sequence In SPI Mode
Instruction = 06h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.23 Write Enable Sequence In QPI Mode
06h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com