Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2UESSQTP Datasheet(PDF) 21 Page - Microchip Technology

Part # MXT1664T3-C2UESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP Datasheet(HTML) 21 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 17Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 18Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 19Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 20Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 21Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 22Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 23Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 24Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 21
2.5
Schematic Notes
2.5.1
POWER SUPPLY
The sense and I/O pins are supplied by the power rails on the device as listed in Table 2-1. This information is also
indicated in “Pin configuration”.
s
2.5.2
DECOUPLING CAPACITORS
All decoupling capacitors must be X7R or X5R and placed less than 5 mm away from the pins for which they act as
bypass capacitors. Pins of the same type can share a capacitor provided no pin is more than 10 mm from the capacitor.
The schematics on the previous pages show the capacitors required. The parallel combination of capacitors is
recommended to give high and low frequency filtering, which is beneficial if the voltage regulators are likely to be some
distance from the device (for example, If an active tail design is used). Note that this requires that the voltage regulator
supplies for AVdd, Vdd and VddIO are clean and noise free. It also assumes that the track length between the capacitors
and on-board power supplies is less than 50 mm.
The number of base capacitors can be reduced if the pinout configuration means that sharing a bypass capacitor is
possible (subject to the distance between the pins satisfying the conditions above and there being no routing difficulties).
2.5.3
PULL-UP RESISTORS
The pull-up resistors shown in the schematics are suggested typical values and may be modified to meet the
requirements of an individual customer design.
This applies, in particular, to the pull-up resistors on the I2C SDA and SCL lines (shown on the schematic), as the values
of these resistors depends on the speed of the I2C interface. See Section 14.10 “I2C Specification” for details.
2.5.4
VOLTAGE BOOSTER
The XVdd power can be supplied using the Voltage Booster shown in Figure 2-1 on page 22 or an external regulated
supply. See Section 14.2 “Recommended Operating Conditions” for the supply voltages possible. Two frequency modes
are supported so that it is possible to avoid interference with other functions, such as Long-Term Evolution (LTE)
interference. Depending on the chosen frequency mode, a different inductor has to be used. The high frequency mode
requires a 10 µH inductor and a 47 µH inductor should be used in the low frequency mode.
If an external supply is used, the components in Figure 2-1 on page 22 can be omitted and VREGBOOST should be left
open circuit or connected to a test point. Connection to a test point is preferred and is recommended by Microchip.
TABLE 2-1:
POWER SUPPLY FOR SENSE AND I/O PINS
Power Supply
Pins
XVdd
X sense pins
AVdd
Y sense pins, DS0, VREGBOOST
VddIO
RESET, COMMSEL, CHG, I2CMODE
SCL, SDA, ADDSEL/USBDP, USBDM, NOISE_IN
TEST/DBG_SS, DBG_DATA/XTAL_XOUT, DBG_CLK/XTAL_XIN
GPIO0, GPIO1, GPIO2, GPIO3, GPIO4, GPIO5
Note that if a VddIO supply at the low end of the allowable range is used, the I2C pull-up resistor values may need to
be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com