Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RFLA1 Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RFLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RFLA1 Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RFLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP064A-RFLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP064A-RFLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP064A-RFLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP064A-RFLA1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP064A-RFLA1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP064A-RFLA1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP064A-RFLA1 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP064A-RFLA1 Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
12
Rev. A
11/06/2015
4. SPI MODES DESCRIPTION
Multiple IS25LP064A/032A devices can be connected on the SPI serial bus and controlled by a SPI Master, i.e.
microcontroller, as shown in Figure 4.1. The devices support either of two SPI modes:
Mode 0 (0, 0)
Mode 3 (1, 1)
The difference between these two modes is the clock polarity. When the SPI master is in stand-by mode, the
serial clock remains at “0” (SCK = 0) for Mode 0 and the clock remains at “1” (SCK = 1) for Mode 3. Please refer
to Figure 4.2 and Figure 4.3 for SPI and QPI mode. In both modes, the input data is latched on the rising edge
of Serial Clock (SCK), and the output data is available from the falling edge of SCK.
Figure 4.1 Connection Diagram among SPI Master and SPI Slaves (Memory Devices)
Notes:
1. For RESET# (IO3) option instead of HOLD# (IO3), call Factory.
2. SI and SO pins become bidirectional IO0 and IO1, and WP# and HOLD# pins become IO2 and IO3 respectively
during QPI mode.
SPI interface with
(0,0) or (1,1)
SPI Master
(i.e. Microcontroller)
SPI
Memory
Device
SPI
Memory
Device
SPI
Memory
Device
SCK SO
SI
SCK
SDI
SDO
CE#
WP# HOLD#
SCK SO
SI
CE#
WP# HOLD#
SCK SO
SI
CE#
WP#
CS3
CS2
CS1
HOLD#
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com