Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY212 Datasheet(PDF) 21 Page - Microchip Technology

Part # ATTINY212
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
PDF  479 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY212 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ATTINY212 Datasheet HTML 17Page - Microchip Technology ATTINY212 Datasheet HTML 18Page - Microchip Technology ATTINY212 Datasheet HTML 19Page - Microchip Technology ATTINY212 Datasheet HTML 20Page - Microchip Technology ATTINY212 Datasheet HTML 21Page - Microchip Technology ATTINY212 Datasheet HTML 22Page - Microchip Technology ATTINY212 Datasheet HTML 23Page - Microchip Technology ATTINY212 Datasheet HTML 24Page - Microchip Technology ATTINY212 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 479 page
background image
Name: 
SERNUMn
Offset:  0x03 + n*0x01 [n=0..9]
Reset: 
[device serial number]
Property:
 
-
Bit
7
6
5
4
3
2
1
0
SERNUM[7:0]
Access
R
R
R
R
R
R
R
R
Reset
x
x
x
x
x
x
x
x
Bits 7:0 – SERNUM[7:0]: Serial Number Byte n
6.9.2.3
Temperature Sensor Calibration n
These registers contain correction factors for temperature measurements by the ADC.
SIGROW.TEMPSENSE0 is a correction factor for the gain/slope (unsigned), SIGROW.TEMPSENSE1 is
a correction factor for the offset (signed).
Name: 
TEMPSENSEn
Offset:  0x20 + n*0x01 [n=0..1]
Reset: 
[Temperature sensor calibration value]
Property:
 
-
Bit
7
6
5
4
3
2
1
0
TEMPSENSE[7:0]
Access
R
R
R
R
R
R
R
R
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – TEMPSENSE[7:0]: Temperature Sensor Calibration Byte n
Refer to Temperature Measurement for how to use the values; Signature Row Description section for
location of values.
6.9.2.4
OSC16 error at 3V
Name: 
OSC16ERR3V
Offset:  0x22
Reset: 
[Oscillator frequency error value]
Property:
 
-
Bit
7
6
5
4
3
2
1
0
OSC16ERR3V[7:0]
Access
R
R
R
R
R
R
R
R
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – OSC16ERR3V[7:0]: OSC16 error at 3V
This registers contain the signed oscillator frequency error value when running at internal 16MHz at 3V,
as measured during production.
6.9.2.5
OSC16 error at 5V
ATtiny212/412
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001911A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com