Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY417 Datasheet(PDF) 21 Page - Microchip Technology

Part # ATTINY417
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY417 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ATTINY417 Datasheet HTML 17Page - Microchip Technology ATTINY417 Datasheet HTML 18Page - Microchip Technology ATTINY417 Datasheet HTML 19Page - Microchip Technology ATTINY417 Datasheet HTML 20Page - Microchip Technology ATTINY417 Datasheet HTML 21Page - Microchip Technology ATTINY417 Datasheet HTML 22Page - Microchip Technology ATTINY417 Datasheet HTML 23Page - Microchip Technology ATTINY417 Datasheet HTML 24Page - Microchip Technology ATTINY417 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 492 page
background image
6.9.1
Signature Row Summary - SIGROW
Offset
Name
Bit Pos.
0x00
DEVICEID0
7:0
DEVICEID[7:0]
0x01
DEVICEID1
7:0
DEVICEID[7:0]
0x02
DEVICEID2
7:0
DEVICEID[7:0]
0x03
SERNUM0
7:0
SERNUM[7:0]
0x04
SERNUM1
7:0
SERNUM[7:0]
0x05
SERNUM2
7:0
SERNUM[7:0]
0x06
SERNUM3
7:0
SERNUM[7:0]
0x07
SERNUM4
7:0
SERNUM[7:0]
0x08
SERNUM5
7:0
SERNUM[7:0]
0x09
SERNUM6
7:0
SERNUM[7:0]
0x0A
SERNUM7
7:0
SERNUM[7:0]
0x0B
SERNUM8
7:0
SERNUM[7:0]
0x0C
SERNUM9
7:0
SERNUM[7:0]
0x0D
...
0x1F
Reserved
0x20
TEMPSENSE0
7:0
TEMPSENSE[7:0]
0x21
TEMPSENSE1
7:0
TEMPSENSE[7:0]
0x22
OSC16ERR3V
7:0
OSC16ERR3V[7:0]
0x23
OSC16ERR5V
7:0
OSC16ERR5V[7:0]
0x24
OSC20ERR3V
7:0
OSC20ERR3V[7:0]
0x25
OSC20ERR5V
7:0
OSC20ERR5V[7:0]
6.9.2
Signature Row Description
6.9.2.1
Device ID n
Each device has a Device ID, identifying the device and its properties, such as memory sizes, pin count,
and die revision. This can be used to identify a device and hence, the available features by software. The
Device ID consists of three bytes: SIGROW.DEVICEID[2:0].
Name: 
DEVICEIDn
Offset:  0x00 + n*0x01 [n=0..2]
Reset: 
[Device ID]
Property:
 
-
Bit
7
6
5
4
3
2
1
0
DEVICEID[7:0]
Access
R
R
R
R
R
R
R
R
Reset
x
x
x
x
x
x
x
x
Bits 7:0 – DEVICEID[7:0]: Byte n of the Device ID
6.9.2.2
Serial Number Byte n
Each device has an individual serial number, representing a unique ID. This can be used to identify a
specific device in the field. The serial number consists of ten bytes: SIGROW.SERNUM[9:0].
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com