Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY814 Datasheet(PDF) 21 Page - Microchip Technology

Part # ATTINY814
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  497 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY814 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ATTINY814 Datasheet HTML 17Page - Microchip Technology ATTINY814 Datasheet HTML 18Page - Microchip Technology ATTINY814 Datasheet HTML 19Page - Microchip Technology ATTINY814 Datasheet HTML 20Page - Microchip Technology ATTINY814 Datasheet HTML 21Page - Microchip Technology ATTINY814 Datasheet HTML 22Page - Microchip Technology ATTINY814 Datasheet HTML 23Page - Microchip Technology ATTINY814 Datasheet HTML 24Page - Microchip Technology ATTINY814 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 497 page
background image
6.8.1
Register Summary - GPIOR
Offset
Name
Bit Pos.
0x00
GPIOR0
7:0
GPIOR[7:0]
0x01
GPIOR1
7:0
GPIOR[7:0]
0x02
GPIOR2
7:0
GPIOR[7:0]
0x03
GPIOR3
7:0
GPIOR[7:0]
6.8.2
Register Description - GPIOR
6.8.2.1
General Purpose I/O register n
These are general purpose registers that can be used to store data, such as global variables and flags, in
the bitaccessible I/O memory space.
Name: 
GPIOR
Offset:  0x00 + n*0x01 [n=0..3]
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
GPIOR[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – GPIOR[7:0]: GPIO Register byte
6.9
FUSES - Configuration and User Fuses
Fuses are part of the non-volatile memory and holds factory calibration data and device configuration.
The fuses are available from device power-up. The fuses can be read by the CPU or the UPDI, but can
only be programmed or cleared by the UPDI. The configuration and calibration values stored in the fuses
are written to their respective target registers at the end of the start-up sequence.
The content of the Signature Row fuses (SIGROW) is pre-programmed, and cannot be altered. SIGROW
holds information such as device ID, serial number, and calibration values.
The fuses for peripheral configuration (FUSE) are pre-programmed, but can be altered by the user.
Altered values in the configuration fuses will be effective only after a Reset.
This device also provides a User Row fuse area (USERROW) that can hold application data. The
USERROW can be programmed on a locked device by the UPDI. This can be used for final configuration
without having programming or debugging capabilities enabled.
Related Links
Signature Row Description
Fuse Description
ATtiny214/414/814
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001912A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com