Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP016D-RHLA3 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RHLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RHLA3 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS25LP016D-RHLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP016D-RHLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP016D-RHLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP016D-RHLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP016D-RHLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP016D-RHLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP016D-RHLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP016D-RHLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP016D-RHLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
4
Rev. B10
03/09/2020
TABLE OF CONTENTS
FEATURES ............................................................................................................................................................2
GENERAL DESCRIPTION ....................................................................................................................................3
TABLE OF CONTENTS .........................................................................................................................................4
1.
PIN CONFIGURATION...................................................................................................................................7
2.
PIN DESCRIPTIONS ......................................................................................................................................9
3.
BLOCK DIAGRAM ........................................................................................................................................11
4.
SPI MODES DESCRIPTION ........................................................................................................................12
5.
SYSTEM CONFIGURATION ........................................................................................................................14
5.1 BLOCK/SECTOR ADDRESSES ............................................................................................................14
6.
REGISTERS .................................................................................................................................................15
6.1 STATUS REGISTER ..............................................................................................................................15
6.2 FUNCTION REGISTER ..........................................................................................................................18
6.3 READ REGISTER AND EXTENDED REGISTER..................................................................................19
6.4 AUTOBOOT REGISTER ........................................................................................................................23
7.
PROTECTION MODE...................................................................................................................................24
7.1 HARDWARE WRITE PROTECTION......................................................................................................24
7.2 SOFTWARE WRITE PROTECTION ......................................................................................................24
8.
DEVICE OPERATION ..................................................................................................................................25
8.1 NORMAL READ OPERATION (NORD, 03h) .........................................................................................28
8.2 FAST READ OPERATION (FRD, 0Bh) ..................................................................................................30
8.3 HOLD OPERATION................................................................................................................................32
8.4 FAST READ DUAL I/O OPERATION (FRDIO, BBh) .............................................................................32
8.5 FAST READ DUAL OUTPUT OPERATION (FRDO, 3Bh).....................................................................35
8.6 FAST READ QUAD OUTPUT OPERATION (FRQO, 6Bh)....................................................................36
8.7 FAST READ QUAD I/O OPERATION (FRQIO, EBh) ............................................................................38
8.8 PAGE PROGRAM OPERATION (PP, 02h)............................................................................................42
8.9 QUAD INPUT PAGE PROGRAM OPERATION (PPQ, 32h/38h) ..........................................................44
8.10 ERASE OPERATION ...........................................................................................................................45
8.11 SECTOR ERASE OPERATION (SER, D7h/20h).................................................................................46
8.12 BLOCK ERASE OPERATION (BER32K:52h, BER64K:D8h) ..............................................................47
8.13 CHIP ERASE OPERATION (CER, C7h/60h) .......................................................................................49
8.14 WRITE ENABLE OPERATION (WREN, 06h) ......................................................................................50
8.15 WRITE DISABLE OPERATION (WRDI, 04h).......................................................................................51
8.16 READ STATUS REGISTER OPERATION (RDSR, 05h) .....................................................................52
8.17 WRITE STATUS REGISTER OPERATION (WRSR, 01h)...................................................................53
8.18 READ FUNCTION REGISTER OPERATION (RDFR, 48h) .................................................................54
8.19 WRITE FUNCTION REGISTER OPERATION (WRFR, 42h)...............................................................55
8.20 ENTER QUAD PERIPHERAL INTERFACE (QPI) MODE OPERATION (QPIEN, 35h; QPIDI, F5h) ..56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com