Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3012 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3012 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3012 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3012 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3012 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3012 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3012 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3012 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3012 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3012 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3012 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.5MHz
1.5MHz
1.5MHz
1.5MHzSTEP-UP
STEP-UP
STEP-UP
STEP-UP
DC-DC
DC-DC
DC-DC
DC-DCCONVE
CONVE
CONVE
CONVER
R
R
R TER
TER
TER
TER
Ordering
Ordering
Ordering
OrderingInformation
Information
Information
Information
HM3012
-
Circuit Type
:LeadFree
G :Green
Package
M: SOT -23-5
R : TapeandReel
Pa
Pa
Pa
Pac
ccck
k
k
ka
a
a
age
ge
ge
ge
T
T
T
Teeeem
m
m
mp
p
p
pe
eeer
rrratu
atu
atu
aturreeee
Part
Part
Part
PartNumber
Number
Number
Number
Mar
Mar
Mar
Mark
k
k
kiiiin
n
n
ng
g
g
gID
ID
ID
ID
P
P
P
Pa
a
a
acking
cking
cking
cking
T
T
T
Type
ype
ype
ype
Le
Le
Le
Lea
a
a
ad
d
d
dFF
F
Fr
rrree
ee
ee
ee
G
G
G
Grrrreeeee
eeen
n
n
n
L
L
L
Le
eeead
ad
ad
adFF
F
Fr
rrree
ee
ee
ee
G
G
G
Gr
rrre
eeee
eeen
n
n
n
SOT-23-5
-40to 85 oC
HM3012MR-LF
HM3012MR-G
Tape & Reel
YCXB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com