Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2413 Datasheet(PDF) 2 Page - Belden Inc.

Part # 2413
Description  Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2413 Datasheet(HTML) 2 Page - Belden Inc.

  2413 Datasheet HTML 1Page - Belden Inc. 2413 Datasheet HTML 2Page - Belden Inc. 2413 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100 MHz
19.3 dB/100m
49.3 dB
47.3 dB
30.0 dB
28.0 dB
30.8 dB
27.8 dB
22.5 dB
100 ± 15
100 ± 15
155 MHz
24.5 dB/100m
46.4 dB
44.4 dB
21.9 dB
19.9 dB
27.0 dB
24.0 dB
21.6 dB
100 ± 22
100 ± 15
200 MHz
28.2 dB/100m
44.8 dB
42.8 dB
16.6 dB
14.6 dB
24.8 dB
21.8 dB
21.0 dB
100 ± 22
100 ± 15
250 MHz
31.8 dB/100m
43.3 dB
41.3 dB
11.5 dB
9.5 dB
22.8 dB
19.8 dB
20.5 dB
100 ± 32
100 ± 15
300 MHz
35.2 dB/100m
42.1 dB
40.1 dB
6.9 dB
4.9 dB
21.3 dB
18.3 dB
20.1 dB
100 ± 32
100 ± 15
350 MHz
38.4 dB/100m
41.1 dB
39.1 dB
2.7 dB
0.7 dB
19.9 dB
16.9 dB
19.8 dB
100 ± 32
100 ± 15
400 MHz
41.5 dB/100m
40.3 dB
38.3 dB
18.8 dB
15.8 dB
19.5 dB
100 ± 32
100 ± 15
450 MHz
44.3 dB/100m
39.5 dB
37.5 dB
17.7 dB
14.7 dB
19.2 dB
100 ± 32
100 ± 15
500 MHz
47.1 dB/100m
38.8 dB
36.8 dB
16.8 dB
13.8 dB
19.0 dB
100 ± 32
100 ± 15
550 MHz
49.7 dB/100m
38.2 dB
36.2 dB
16.0 dB
13.0 dB
18.8 dB
100 ± 32
100 ± 15
Voltage
UL Voltage Rating
300 V (CMP), 300 V (CL3P)
Mechanical Characteristics
Temperature
UL Rating
Operating
Installation
Storage
90°C
-20°C To +75°C 0°C To +50°C -20°C To +75°C
Bend Radius
Stationary Min. Installation Min.
1.0 in
2.25 in
Max. Pull Tension:
25 lbs
Bulk Cable Weight:
26 lbs/1000ft
Standards and Compliance
Environmental Suitability: Plenum, Indoor
Sustainability:
Product Lens™, Environmental Product Declaration (EPD) Available
Flammability / Fire
Resistance:
NFPA 262, UL 910 (Plenum), FT6, FT6, IEC 60332-1-2
NEC / UL Compliance:
800, CMP;CMP-LP (0.5A);CL3P-LP (0.5A)
CEC / C(UL)
Compliance:
CMP
ICEA Compliance:
S-116-732-2013
IEEE Compliance:
IEEE 802.3bt Type 1, Type 2, Type 3, Type 4
NEMA Compliance:
ANSI/NEMA WC-66
Data Category:
Category 6
TIA/EIA Compliance:
ANSI/TIA-568.2-D Category 6
CPR Euroclass:
Eca
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU, EU Directive 2011/65/EU (ROHS II), EU Directive 2012/19/EU (WEEE), REACH: 2020-01-16
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Part Number
Non-Plenum Number:
2412
Variants
Item #
Color
Putup Type Length
UPC
2413 0101000
Black
Reel
1,000 ft 612825061762
2413 010A1000
Black
Reel-in-Box
1,000 ft 612825061755
2413 010U1000
Black
UnReel
1,000 ft 612825131502
2413 0102500
Black
Reel
2,500 ft 612825061748
2413 D151000
Blue
Reel
1,000 ft 612825061601
2413 D15A1000
Blue
Reel-in-Box
1,000 ft 612825061618
2413 D15U1000 Blue
UnReel
1,000 ft 612825061793
2413 D152500
Blue
Reel
2,500 ft 612825061625
2413 0081000
Gray
Reel
1,000 ft 612825061717
2413 008A1000
Gray
Reel-in-Box
1,000 ft 612825061724
2413 008U1000
Gray
UnReel
1,000 ft 612825061809
2413 0051000
Green
Reel
1,000 ft 612825061663



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com