Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4801 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4801
Description  Over voltage and over current protection IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4801 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4801 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4801 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 / 6
Electrical Characteristics
Table 5
Parameter
Symbol
Test conditions
Min
Typ
Max Unit
DC characteristics and Power-ON-Reset
Input quiescent current
IQ
VACIN=5V,Iout=0A
120
200
uA
IN-to-OUT ON resistance
RON
VACIN=5V,Iout=3A
40@4.5V
mΩ
Output auto discharge resistance
RDISCHARGE
500
Ω
Under voltage lock out threshold
UVLO
VACIN increasing from 0~3.5V
3.4
V
Under voltage lock out hysteresis
VHYS-UVLO
VACIN decreasing from 3.5~0V
300
mV
Output power-on time
TON
VACIN=0 -> 5V to output ON
6
8
10
ms
EN Threshold Voltage
VENL
0.4
V
VENH
1.2
V
EN to GND current
IEN
2
uA
Input Over-Voltage-Protection (OVP)
PROADJ threshold
V PROADJ
VACIN increasing from 5~7V
1.21
V
PROADJ hysteresis
VHYS- PROADJ
VACIN decreasing from 7~5V
70
mV
OVP active time
TOVP
VACIN= 5 -> 10V
1
us
OVP recovery time
TON(OVP)
VACIN=10 -> 5V to output ON
6
8
10
ms
Over-Temperature-Protection (OTP)
OTP threshold
155
℃
OTP hysteresis
40
℃
Power Switch Body Diode
Forward peak surge current
IFSM
Pulse Width=10ms
15
A
Pulse Width=20us
50
A
The formula for over voltage:
OVP 
1.21*(
R
1 1)
R
2
HM4801



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com