Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4916 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4916
Description  MicroPower , Ultra-Sensitive CMOS Hall IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4916 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4916 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4916 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4916 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4916 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4916 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
■ Mangentic Characteristics
(TA=+25℃,VDD=3.0V, Unless otherwise specified)
Symbol
Min
Typ
Max
Unit
BOPS
2
3.5
5.5
mT
BRPS
1
1.8
4.0
mT
BOPN
-5.5
-3.5
-2.0
mT
BRPN
-4.0
-2.0
-1
mT
Is
Isopavg
Isavg
Isstb
t
Operating
Time
Standby Time
top
tstb
50µs
50ms
Latch
Output
NOUT
BOPS
BRPS
BRPN
BOPN
0
B
Nout function
SOUT
BOPS
BRPS
BRPN
BOPN
0
B
Sout function



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com