Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5031 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5031
Description  High input Voltage Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5031 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5031 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Regulated Charge
Voltage(HM5031A)
Vfloat
0°C≤TA≤85°C,
Icharge = 40mA
4.158 4.2 4.242
V
Regulated Charge
Voltage(HM5031B)
4.257 4.3 4.343
V
Regulated Charge
Voltage(HM5031C)
4.307 4.35 4.394
V
Regulated Charge
Voltage(HM5031D)
4.356 4.4 4.444
V
PROG pin Voltage
Vprog RPROG =1k, Current mode
0.93
1.0
1.07
V
Trickle charge current
Itrikl
Vbat<Vtrikl, Rprog=1k
85
95
105
mA
Trickle charge Threshold
Voltage
Vtrikl
RPROG =10K,Vbat Rising
2.7
2.9
3.1
V
Trickle voltage hysteresis
voltage
Vtrhys RPROG =10K
0.08 0.12 0.16
V
Recharge Battery threshold
Voltage
Δ
Vrecg VFLOAT - VRECHRG
105
150
mV
Under voltage Lockout
Threshold
VUVLO BAT = 3.5V, IN Rising
3.05
3.4
3.75
V
VCC under voltage lockout
hysteresis
Vuvhys
600
mV
CHRG pin Output low
voltage
Vchrg Ichrg=5mA
1.2
2
V
STDBY pin Output low
voltage
Vstdby Istdby=5mA
1.2
2
V
Enable Threshold
VCC=4.25V~6.5V
0.3
1
1.5
V
Enable Leakage Current
-0.1
+0.1
uA
Thermal Shutdown
Temperature
TSHDN
140
℃
Thermal Shutdown
Hysteresis
ΔTSHDN
20
℃
HM5031



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com