Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5084 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5084
Description  2.5A Synchronous Buck 4 Cells Li-ion charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5084 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5084 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5084 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5084 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5084 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5084 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5084 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5084 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5084 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5084 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PINOUT
PIN FUNCTIONS
Pin Name
PIN Number
ESOP8
ESSOP10 Description
LX
5
7
Switch pin. Connect to external inductor.
BST
6
8
Internal charge pump boost pin.
STAT
3
3
Open-Drain Charge Status Output. When the battery is
charging, this pin is pulled low by an internal N-channel
MOSFET. When the HM5084. detects an under voltage
lockout condition, STAT is forced high impedance.
NTC
4
4
NTC (Negative Temperature Coefficient) Thermistor Input.
This pin senses the
Temperature of the battery pack and stops the charger when
the temperature is out of range. Connect to GND for disabling
this function.
VBAT
8
10
Battery pin.
SNS
7
9
Detecting pin of charge current.
LV5
2
2
5V LDO output PIN. Connect a minimum 1uF capacitor
between this PIN and GND.
VIN
1
1
Positive Supply Voltage Input. Decouple with a 10µF or larger
surface mounted
Ceramic capacitor.
GND
ePAD
6
Ground.
FBADJ
5
CV adjust PIN.
Connect resistor to GND increase CV voltage.
Connect resistor to VBAT decrease CV voltage.
2.5A Synchronous Buck 4 Cells Li-ion charger
- 9 -
HM5084



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com