Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3243 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC3243
Description  TO-92MOD Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2SC3243 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC3243 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92MOD Plastic-Encapsulate Transistors
2SC3243 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.9
W (Tamb=25
℃)
Collector current
ICM:
1
A
Collector-base voltage
V(BR)CBO:
60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
10µA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
2mA, IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=50V, IE=0
0.2
µA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.2
µA
DC current gain
hFE(1)
VCE=4V, IC=100mA
55
300
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=25mA
0.3
V
Transition frequency
fT
VCE=2V, IC=10mA
80
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
25
pF
CLASSIFICATION OF
hFE(1)
Rank
C
D
E
Range
55-110
90-180
150-300
Marking
TO-92MOD
1. EMITTER
2. COLLECTOR
3. BASE
123


Similar Part No. - 2SC3243

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3243 ISAHAYA-2SC3243 Datasheet
144Kb / 4P
SMALL-SIGNAL TRANSISTOR FOR LOW FREQUENCY POWER AMPLIFY APPLICATION
logo
SHENZHEN YONGERJIA INDU...
2SC3243 WINNERJOIN-2SC3243 Datasheet
124Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SC3243 JIANGSU-2SC3243 Datasheet
2Mb / 3P
T O-92MOD Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3243

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV966 AVICTEK-AV966 Datasheet
424Kb / 3P
TO-92MOD Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA965 JIANGSU-2SA965 Datasheet
4Mb / 4P
TO-92MOD Plastic-Encapsulate Transistors
2SB740 JIANGSU-2SB740 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
2SB927 JIANGSU-2SB927 Datasheet
2Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
2SB985 JIANGSU-2SB985 Datasheet
3Mb / 5P
TO-92MOD Plastic-Encapsulate Transistors
2SC1627A JIANGSU-2SC1627A Datasheet
6Mb / 4P
TO-92MOD Plastic-Encapsulate Transistors
2SC2230 JIANGSU-2SC2230 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
3CG751 JIANGSU-3CG751 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
KSA931 JIANGSU-KSA931 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
KSC2316 JIANGSU-KSC2316 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com