Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP167 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP167
Description  LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP167 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP167 Datasheet HTML 1Page - ON Semiconductor NCP167 Datasheet HTML 2Page - ON Semiconductor NCP167 Datasheet HTML 3Page - ON Semiconductor NCP167 Datasheet HTML 4Page - ON Semiconductor NCP167 Datasheet HTML 5Page - ON Semiconductor NCP167 Datasheet HTML 6Page - ON Semiconductor NCP167 Datasheet HTML 7Page - ON Semiconductor NCP167 Datasheet HTML 8Page - ON Semiconductor NCP167 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP167
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Temperature −
VOUT = 2.85 V
Figure 4. Quiescent Current vs. Input Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
120
80
60
40
20
0
−20
−40
2.80
2.81
2.83
2.90
5.0
4.0
3.5
3.0
2.0
1.0
0.5
0
0
2
4
8
10
12
14
16
Figure 5. Ground Current vs. Output Current
Figure 6. Dropout Voltage vs. Output Current −
VOUT = 1.8 V
IOUT, OUTPUT CURRENT (mA)
IOUT, OUTPUT CURRENT (A)
1000
100
10
1
0.1
0.01
0.001
0
200
400
600
1000
1200
1600
1800
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.05
0.10
0.20
0.30
0.35
0.40
0.50
Figure 7. Dropout Voltage vs. Output Current −
VOUT = 2.85 V
Figure 8. Dropout Voltage vs. Output Current −
VOUT = 3.3 V
IOUT, OUTPUT CURRENT (A)
IOUT, OUTPUT CURRENT (A)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.03
0.06
0.09
0.15
0.21
0.27
0.30
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.03
0.06
0.09
0.18
0.21
0.27
0.30
IOUT = 10 mA
VIN = 3.85 V
VOUT = 2.85 V
CIN = 1 mF
COUT = 1 mF
100
2.82
2.84
2.86
2.85
2.87
2.89
2.88
VOUT = 2.85 V
CIN = 1 mF
COUT = 1 mF
1.5
2.5
4.5
5.5
6
TJ = 125°C
TJ = 25°C
TJ = −40°C
TJ = 125°C
TJ = 25°C
TJ = −40°C
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
TJ = 125°C
TJ = 25°C
TJ = −40°C
VOUT = 2.85 V
CIN = 1 mF
COUT = 1 mF
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
TJ = 125°C
TJ = 25°C
TJ = −40°C
TJ = 125°C
TJ = 25°C
TJ = −40°C
VIN = 3.85 V
VOUT = 2.85 V
CIN = 1 mF
COUT = 1 mF
800
1400
0.8
0.15
0.25
0.45
0.8
0.12
0.18
0.24
0.8
0.12
0.15
0.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com