Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUB5R Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # CUB5R
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5R Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  CUB5R Datasheet HTML 1Page - Red Lion Controls. Inc CUB5R Datasheet HTML 2Page - Red Lion Controls. Inc CUB5R Datasheet HTML 3Page - Red Lion Controls. Inc CUB5R Datasheet HTML 4Page - Red Lion Controls. Inc CUB5R Datasheet HTML 5Page - Red Lion Controls. Inc CUB5R Datasheet HTML 6Page - Red Lion Controls. Inc CUB5R Datasheet HTML 7Page - Red Lion Controls. Inc CUB5R Datasheet HTML 8Page - Red Lion Controls. Inc CUB5R Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LCD, REFLECTIVE OR GREEN/RED LED BACKLIGHTING
0.46" (11.7 mm) HIGH DIGITS
OPTIONAL SETPOINT OUTPUT CARD
OPTIONAL SERIAL COMMUNICATIONS CARD (RS232 or RS485)
OPTIONAL USB PROGRAMMING CARD
OPERATES FROM 9 TO 28 VDC POWER SOURCE
PROGRAMMABLE SCALING FOR COUNT AND RATE
BI-DIRECTIONAL COUNTING, UP/DOWN CONTROL
QUADRATURE SENSING (UP TO 4 TIMES RESOLUTION)
BUILT-IN BATCH COUNTING CAPABILITY
DISPLAY COLOR CHANGE CAPABILITY AT SETPOINT OUTPUT
NEMA 4X/IP65 SEALED FRONT BEZEL
MODEL CUB®5 - MINIATURE ELECTRONIC 8-DIGIT DUAL
COUNTER AND RATE INDICATOR
GENERAL DESCRIPTION
The CUB®5 provides the user the ultimate in flexibility, from its complete
user programming to the optional setpoint control and communication capability.
The meter can be programmed as a single or dual counter with rate indication
capability. The display can be toggled either manually or automatically between
the selected displays.
The CUB5 display has 0.46" (11.7 mm) high digits. The LCD is available in
two versions, reflective (CUB5R000) and backlight (CUB5B000). The backlight
version is user selectable for green or red backlighting with variable display
intensity.
The counter is programmable for one of eight different count modes,
including bi-directional and quadrature. When programmed as a dual counter,
each counter has a separate scale factor and decimal points. In the counter/rate
indicator mode, each have their own scaling and decimal point read-outs in
different engineering units. The internal batch counter can be used to count
setpoint output activations.
The meter has two separate inputs which provide different functions
depending on which operating mode is selected. Input A accepts the signal for
the Count and/or Rate displays, while Input B accepts the signal for the Count
display or direction control. In the anti-coincidence mode, both inputs are
monitored simultaneously so that no counts are lost. The resulting display can
be chosen as the sum or difference of the two inputs. The Rate Indicator has
programmable low (minimum) and high (maximum) update times to provide
optimal display response at any input frequency. There is a programmable user
input that can be programmed to perform a variety of functions.
The capability of the CUB5 can be easily expanded with the addition of
option cards. Setpoint capability is field installable with the addition of the
single setpoint relay output card or the dual setpoint solid state output card.
Serial communications capability for RS232 or RS485 is added with a serial
option card.
The CUB5 can be powered from an optional Red Lion Micro-Line/Sensor
Power Supply (MLPS), which attaches directly to the back of a CUB5. The
MLPS is powered from 85 to 250 VAC and provides up to 400 mA to drive the
unit and sensors.
COUNTER
The CUB5 receives incoming pulses and multiplies them by the Count Scale
Factor to obtain the desired reading for the count display. Input A accepts the
signal for the count and Input B is used for quadrature, dual counter, anti-
coincidence counting, or up/down control counting.
RATE
The rate indicator utilizes the signal at Input A to calculate the rate value
using a time interval method (1/tau). The unit counts on the negative edge of the
input pulses. After the programmed minimum update time elapses and the next
negative edge occurs, the unit calculates the input rate based on the number of
edges that occurred during the elapsed time. The input rate is then multiplied by
the rate scaling value to calculate the rate display.
At slower rates, averaging can be accomplished by programming the rate
minimum update time for the desired response. Extensive scaling capabilities
allow practically any desired reading at very slow count rates.
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in this
literature or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
Do not use this meter to directly command motors, valves, or other actuators
not equipped with safeguards. To do so can be potentially harmful to persons or
equipment in the event of a fault to the meter.
Bulletin No. CUB5-L
Drawing No. LP0584
Released 04/16
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
CAUTION: Risk of Danger.
Read complete instructions prior to
installationand operation of the unit.
CAUTION: Risk of electric shock.
.13 (3.3)
(43.4)
1.71
2.95 (74.9)
SEL
.15 (3.8)
1.54 (39.1)
RST
(68
)
+.025
-.000
-0
+8
1.29 (32.8)
2.68
-.000
1.30
(33
)
1 2 34
-0
+6
+.024
ON
ECE
9876543.2
Note: Recommended minimum clearance (behind the panel) for mounting clip installation is 2.15" (54.6) H x 3.00" (76.2) W.
C
US LISTED
UL
R
51EB
IND. CONT. EQ.
DIMENSIONS In inches (mm)


Similar Part No. - CUB5R

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CUB5 REDLION-CUB5 Datasheet
2Mb / 8P
Award-winning solutions from the number one brand in the industry
More results

Similar Description - CUB5R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
August 1997
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
May 2001
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
8-Digit Multi-Function Frequency Counter/Timer
logo
API Technologies Corp
FDFD7409-2 APITECH-FDFD7409-2 Datasheet
671Kb / 2P
Electronic Counter Measurers
FDFD7409-6 APITECH-FDFD7409-6 Datasheet
716Kb / 3P
Electronic Counter Measurers
logo
SELEC Controls Pvt. Ltd
RC100 SELEC-RC100 Datasheet
112Kb / 1P
Rate Indicator
RC2100 SELEC-RC2100 Datasheet
134Kb / 1P
Rate Indicator
RC2106 SELEC-RC2106 Datasheet
143Kb / 1P
Rate Indicator
RC2108 SELEC-RC2108 Datasheet
168Kb / 1P
Rate Indicator
RC5100 SELEC-RC5100 Datasheet
127Kb / 1P
Rate Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com