Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F640P3 Datasheet(PDF) 11 Page - Intel Corporation

Part # 28F640P3
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F640P3 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 28F640P3 Datasheet HTML 7Page - Intel Corporation 28F640P3 Datasheet HTML 8Page - Intel Corporation 28F640P3 Datasheet HTML 9Page - Intel Corporation 28F640P3 Datasheet HTML 10Page - Intel Corporation 28F640P3 Datasheet HTML 11Page - Intel Corporation 28F640P3 Datasheet HTML 12Page - Intel Corporation 28F640P3 Datasheet HTML 13Page - Intel Corporation 28F640P3 Datasheet HTML 14Page - Intel Corporation 28F640P3 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
11
Terminal Dimension
D
19.800
20.00
20.200
0.780
0.787
0.795
Lead Tip Length
L
0.500
0.600
0.700
0.020
0.024
0.028
Lead Count
N
-
56
-
-
56
-
Lead Tip Angle
∅
0°
3°
5°
0°
3°
5°
Seating Plane Coplanarity
Y
-
-
0.100
-
-
0.004
Lead to Package Offset
Z
0.150
0.250
0.350
0.006
0.010
0.014
Table 1.
TSOP Package Dimensions (Sheet 2 of 2)
Product Information
Sym
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com