Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC36AC Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # CSC36AC
Description  Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC36AC Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  CSC36AC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC36AC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC36AC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSC36AC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2020 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Unit Weight (kg)
50.00
Unit Weight (lbs.)
110.23
Number of Shelves
3
SPECIAL FEATURES
Cord Management
Yes
EMI/RFI Line Noise Protection
No
Locking
Yes
Lock Type
Key
Built-In Circuit Breaker
Yes
Overcurrent Protection
Yes
Flow-Through Ventilation
Yes
UV Sterilization
No
STANDARDS & COMPLIANCE
Certifications
UL 60950-1 (Power Component); CAN/CSA 22.2 No. 60950-1 (Power Component)
Approvals
RoHS
NOM (Mexico)
Tested to NOM (Mexico)
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
CATEGORY PAGE FILTERS (Y/N ONLY)
External Receptacle
Yes
4 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com