Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD1006USB Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # CSD1006USB
Description  10-Device Desktop USB Charging Station for Tablets, iPads and E-Readers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSD1006USB Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  CSD1006USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSD1006USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSD1006USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSD1006USB Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CHARGING
Charging Ports / Amps
(10) 2.4A
Number of Charging Ports
10
Overcharge Protection
Yes
Charging Method
USB
Charging Ports Detail
BC 1.2
Charging Port Type
USB A (FEMALE)
Charging Amps per Port
2.4A
PHYSICAL
Antimicrobial Coating
No
Charging Station Form Factor
Desktop Cabinet
Color
Black; Gray
Material of Construction
Plastic
Shipping Dimensions (hwd / cm)
41.66 x 27.69 x 44.20
Shipping Dimensions (hwd / in.)
16.40 x 10.90 x 17.40
Shipping Weight (kg)
5.62
Shipping Weight (lbs.)
12.40
Unit Dimensions (hwd / cm)
42.01 x 34.39 x 22.71
Unit Dimensions (hwd / in.)
8.94 x 16.54 x 13.54
Number of Shelves
1
ENVIRONMENTAL
Operating Temperature Range
41 to 95 F (5 to 35 C)
Storage Temperature Range
-4 to 122 F (-20 to 50 C)
Relative Humidity
20% to 80%
FEATURES & SPECIFICATIONS
Technology
USB
SPECIAL FEATURES
Cord Management
No
EMI/RFI Line Noise Protection
Yes
Locking
Yes
Lock Type
Key; Combination Cable Lock
Built-In Circuit Breaker
Yes
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com