Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB3KIT-003 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYUSB3KIT-003
Description  SuperSpeed Explorer Kit User Guide
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3KIT-003 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYUSB3KIT-003 Datasheet HTML 17Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 18Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 19Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 20Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 21Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 22Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 23Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 24Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
CYUSB3KIT-003 SuperSpeed Explorer Kit User Guide, Doc. # 001-93186 Rev. *A
21
Kit Operation
Use this port to test FX3 applications that communicate with a host PC at SuperSpeed or High-
Speed rates.
The USB 2.0 Micro-B receptacle connects to an onboard Cypress CY7C65215 USB-Serial Dual
Channel (UART/I2C/SPI) Bridge (www.cypress.com/go/CY7C65215), which is configured as an
integrated debugger operating at the USB Full-Speed rate. This chip provides a bridge between the
FX3 debug interface and a PC's USB port, enabling two debug methods: serial terminal messages
and JTAG debug. These debug methods are explained in Section 3.7 on page 33.
3.2
Jumpers
The SuperSpeed Explorer Kit development board contains four jumpers, labeled J2–J5. The jumper
settings are as follows.
Jumper J2: This jumper sets the voltage levels of the FX3 power domains VIO1, VIO2, and VIO3.
Inserting the jumper selects 3.3 V while removing the jumper selects 1.8 V. These domains set the
operating voltage of the FX3 interface pins. The default is to have the J2 jumper in place, selecting
the 3.3-V interface. This makes the interface compatible with the 3.3-V SRAM connected to the
GPIF II interface.
Jumper J3: This jumper is connected in series with the VBUS signal of the USB 3.0 connector. This
jumper must be inserted to power the development board. The J3 jumper is provided to measure the
development board's power consumption by removing the J3 jumper and connecting an ammeter
between the J3 pin headers.
Jumper J4: This jumper selects the FX3 boot method. Similar to all Cypress EZ-USB parts, the code
is loaded ("booted") into high-speed internal RAM for execution. The SuperSpeed Explorer Kit
supports USB boot and I2C boot. FX3 contains an internal ROM, where the boot code resides, and
an internal RAM, where application firmware and data are stored. At power-on, depending on this
jumper setting, FX3 boots from the internal ROM and then does one of the following:
■
If J4 is removed, then FX3 copies the application firmware from the onboard 2-Mbit I2C EEPROM
to FX3's internal RAM and then enumerates with the functionality defined in the application firm-
ware. If there is no valid firmware in EEPROM or if the EEPROM is disabled or not present, then
FX3 enumerates as a bootloader device and enables firmware download to internal RAM through
USB. This method of booting is referred to as I2C boot, with fallback to USB. The USBBulk-
SourceSinkLED firmware is stored in the onboard EEPROM when the SuperSpeed Explorer Kit
development board leaves the Cypress factory. The steps to store new firmware in EEPROM and
then boot from it are explained in Section 3.5.3 on page 28.
■
If J4 is inserted, then FX3 enumerates as a bootloader device and allows the application firmware
to be loaded to internal RAM through USB. This boot method is referred to as USB boot. In this
boot method, you can download the application firmware to FX3's RAM using a host application.
The steps to load firmware to FX3's RAM using this boot method are explained in a later section.
The J4 jumper is labeled "PMODE" to correspond to the FX3 PMODE0 pin.
Jumper J5: This jumper is connected in series with the CTL0 pin of the FX3. The CTL0 pin is used
as a chip select signal for the onboard SRAM external to FX3. J5 must be inserted for applications
that use the SRAM. It is recommended that you deselect the SRAM by removing J5 when the SRAM
is not used. Note that the SRAM operates at 3.3 V and does not support 1.8-V signaling. Therefore,
the SRAM must be deselected if the 1.8-V interface is selected (if J2 is removed, then J5 should also
be removed). Table 3-1 summarizes the default jumper settings.
Table 3-1. Default Jumper Settings
Jumper
Jumper State
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com