Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5435 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5435
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5435 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5435 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5435 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5435 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5435 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5435 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5435 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5435 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics
Note:VVIN =3.5V, TA=25℃,unless otherwise specification.
Parameters
Test Condition
Min
Typ Max Unit
Voltage
Over-Charge Detection Voltage
4.27
4.30
4.33
V
Over-Charge Release Voltage
4.12
4.15
4.18
V
Over-Discharge Detection Voltage
2.46
2.50
2.54
V
Over-Discharge Release Voltage
2.86
2.90
2.94
V
Charger Detection Voltage
-0.50
V
Current
Over-Discharge Current Detection 1
VDD=3.5V
3
A
Over-Discharge Current Detection 2
VDD=3.5V
10
A
Load Short Detection
VDD=3.5V
20
A
Normal Operator Current
VDD=3.5V, VBATN=0V
3.0
6
uA
Power Down Current
VDD=2.0V, BATN floating
0.1
uA
Delay Time
Over-Charge Voltage Detection Delay Time
200
mS
Over-Discharge Voltage Detection Delay Time
50
mS
Over-Discharge Current Detection 1 Delay Time
12
mS
Over-Discharge Current Detection 2 Delay Time
2.5
mS
Load Short Detection Delay Time
40
uS
BATN Internal Resistance
Internal Resistance between BATN and VDD
VDD=3.5V BATN=1.0V
320
kΩ
Internal Resistance between BATN and GND
VDD=2.0V BATN=1.0V
100
kΩ
Power FET on Resistance
VDD=3.5V, IBATN =1.0A
50
mΩ
Over Temperature Protection
100
℃
Over Temperature Hybrid
20
℃
Note: Parameter with * is used for 4.35V Battery Protect, Other is for 4.2V Battery Protect
HM5435



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com