Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7805 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7805
Description  Linear Integrated Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7805 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7805 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7805 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7805 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7805 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7805 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7805 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7805 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Tj=25
°C
9.6
10
10.4
V
Output voltage
Vo
5.0mA<Io<1.0A,Po<15W
Vi=12.5V to 25V
9.5
10
10.5
V
Line regulation
∆Vo
Tj=25
°C,Vi=12.5V to 25V
10
200
mV
Tj=25
°C,Vi=13V to 20V
3
100
mV
Load regulation
∆Vo
Tj=25
°C,Io=5.0mAto1.2A
12
200
mV
Tj=25
°C,Io=250mA to 750mA
4
100
mV
Quiescent current
IQ
Tj=25
°C
5.0
8
mA
Quiescent current change
∆IQ
Io=5mA to 1.0A
0.5
mA
Vi=12.5Vto25V1.0mA
Output voltage drift
∆Vo/∆T
Io=5mA
-1
mV/
°C
Output noise voltage
VN
f=10Hz to 100kHz,Ta=25
°C
58
µV
Ripple rejection
RR
f=120Hz, Vi=14V to 24V
56
71
dB
Dropout voltage
Vo
Io=1.0A,Tj=25
°C
2V
Output resistance
Ro
f=1kHz
17
m
Ω
Short circuit current
Isc
Vi=30V,Ta=25
°C
250
mA
peak current
Ipk
Tj=25
°C
1.5A
Tj=25
°C
11.5
12.0
12.5
V
Output voltage
Vo
5.0mA<Io<1.0A,Po<15W
Vi=14.5Vto25V
11.4
12
12.6
V
Line regulation
∆Vo
Tj=25
°C,Vi=14.5Vto25V
10
240
mV
Tj=25
°C,Vi=16V to 22V
3
120
mV
Load regulation
∆Vo
Tj=25
°C,Io=5.0mAto1.2A
11
240
mV
Tj=25
°C,Io=250mA to 750mA
5.0
120
mV
Quiescent current
IQ
Tj=25
°C
5.1
8
mA
Quiescent current change
∆IQ
Io=5mA to 1.0A
0.5
mA
Vi=14.5Vto25V1.0mA
Output voltage drift
∆Vo/∆T
Io=5mA
-1
mV/
°C
Output noise voltage
VN
f=10Hz to 100kHz,Ta=25
°C
76
µV
Ripple rejection
RR
f=120Hz, Vi=15V to 25V
55
71
dB
Dropout voltage
Vo
Io=1.0A,Tj=25
°C
2V
Output resistance
Ro
f=1kHz
18
m
Ω
Short circuit current
Isc
Vi=30V,Ta=25
°C
230
mA
peak current
Ipk
Tj=25
°C
1.5A
 
 
 
 
 
 
7810 ELECTRICALCHARACTERISTICS
(Refer to test circuits,0<Tj<125
C,Io=500mA,Vi=16V,Ci=0.33F, Co=0.1F, unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
 
 
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
 
7812 ELECTRICALCHARACTERISTICS
(Refer to test circuits,0<Tj<125
C,Io=500mA,Vi=16V,Ci=0.33F, Co=0.1F, unless otherwise specified)
 
 
LINEAR INTEGRATED CIRCUIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com