Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8119 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8119
Description  Standoff 55V 500mA 850KHz Sync Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8119 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8119 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Standoff 55V 500mA 850KHz Sync Step-Down Regulator
Page 4 / 13
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Thermal Information
Item
Description
Value
Unit
RθJA
Junction-to-ambient thermal resistance (1)(2)
105
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55
°C/W
RθJB
Junction-to-board thermal resistance
17.5
°C/W
ψJT
Junction-to-top characterization parameter
3.5
°C/W
ψJB
Junction-to-board characterization parameter
17.5
°C/W
Note (1): The package thermal impedance is calculated in accordance to JESD 51-7.
Note (2): Thermal Resistances were simulated on a 4-layer, JEDEC board.
Electrical Characteristics (1) (2)
VIN=12V, TA=25°C, unless otherwise specified.
Parameter
Test Conditions
Min
Typ.
Max
Unit
Input Voltage Range
4.5
45
V
Supply Current (Quiescent)
VEN =3.0V
0.4
0.8
mA
Supply Current (Shutdown)
VEN =0 or EN = GND
10
uA
Feedback Voltage
0.780
0.800
0.820
V
0.746
0.765
0.784
V
0.585
0.600
0.615
V
High-Side Switch On-Resistance
ISW=100mA
500
mΩ
Low-Side Switch On-Resistance
ISW=-100mA
300
mΩ
Valley Switch Current Limit
1
A
Over Voltage Protection Threshold
48
V
Switching Frequency
850
KHz
Maximum Duty Cycle
VFB=90%
89
%
Minimum On-Time
83
nS
EN Rising Threshold
1.2
V
EN Falling Threshold
0.9
V
Under-Voltage Lockout Threshold
Wake up VIN Voltage
4.2
4.4
V
Shutdown VIN Voltage
3.4
3.7
V
Hysteresis VIN voltage
500
mV
Soft Start
1
mS
Thermal Shutdown
150
℃
Thermal Hysteresis
30
℃
Note (1): MOSFET on-resistance specifications are guaranteed by correlation to wafer level measurements.
Note (2): Thermal shutdown specifications are guaranteed by correlation to the design and characteristics analysis.
HM8119A
HM8119B
HM8119C
HM8119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com