Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSD3045DN Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD3045DN
Description  N-Ch and P-Channel MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD3045DN Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD3045DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3045DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3045DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3045DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3045DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3045DN Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3045DN Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3045DN Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3045DN Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.034
---
V/℃
VGS=10V , ID=
6A
---
8.5
10.5
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V , ID=
5A
---
10
14
m
Ω
VGS(th)
Gate Threshold Voltage
1.3
1.8
2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =250uA
---
-5.8
---
mV/℃
VDS=30V , VGS=0V , TJ=25℃
---
---
1
IDSS
Drain-Source Leakage Current
VDS=30V , VGS=0V , TJ=55℃
---
---
5
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=15V , ID=
5A
---
10
---
S
Rg
Gate Resistance
VDS=24V , VGS=0V , f=1MHz
---
2.5
---
Ω
Qg
Total Gate Charge (4.5V)
---
2.7
---
Qgs
Gate-Source Charge
---
1.3
---
Qgd
Gate-Drain Charge
VDS=20V , VGS=4.5V , ID=
6A
---
1.7
---
nC
Td(on)
Turn-On Delay Time
---
5
---
Tr
Rise Time
---
11
---
Td(off)
Turn-Off Delay Time
---
11.5
---
Tf
Fall Time
VDD=12V , VGS=10V , RG=3.3Ω
ID=5A
---
2.6
---
ns
Ciss
Input Capacitance
---
250
---
Coss
Output Capacitance
---
40
---
Crss
Reverse Transfer Capacitance
VDS=25V , VGS=0V , f=1MHz
---
30
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=25V , L=0.
5mH , IAS=10A
5
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
---
---
6
A
ISM
Pulsed Source Current
2,6
VG=VD=0V , Force Current
---
---
15
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=5A , TJ=25℃
---
---
1.2
V
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper,t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.
5mH,IAS=10A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Diode Characteristics
Guaranteed Avalanche Characteristics
WSD3045DN
N-Ch and P-Channel MOSFET
Page 2
www.winsok.tw
Dec.2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com