Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L41 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS35L41
Description  11 Volt Boosted Class D Audio Amplifier with DSP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L41 Datasheet(HTML) 1 Page - Cirrus Logic

  CS35L41 Datasheet HTML 1Page - Cirrus Logic CS35L41 Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS35L41
11 Volt Boosted Class D Audio Amplifier with DSP
Featuring Speaker Protection, Audio Enhancement
and Advanced Battery Management
Maximize loudness with 11 V output and
SoundClear® Playback speaker protection
Enrich sound quality with integrated DSP
and SoundClear Playback enhancement
Minimize power consumption with
Class H boost and low quiescent power
Intelligently regulate battery current
with predictive battery management
Save space with 5.64 mm2 package footprint
System Features
• Boosted output – 11 V
• High output power – 5.3 W
• Idle channel noise – 9 uV
• Low quiescent power – 6.7 mW
• Integrated DSP
• SoundClear® Playback enhancement
and speaker protection
• Advanced battery management
system
• I2S, I2C, PDM inputs
• Supply voltage – 2.5 V to 5.5 V
• Stereo configuration using two
CS35L41 devices
• Space Saving 30-ball WLCSP
package – 5.64 mm2 footprint,
0.4 mm pitch
Product Block Diagram
Clocking
11 V Digital Boost
Converter
Class H
Class D Amp
Power
Monitoring
DSP
Enhancement
Speaker Protection
Battery Protection
Serial Audio
Control
ADC
Speaker
Monitoring
ADC
CS35L41
Product Overview
The CS35L41 is the industry’s first 55 nm smart audio amplifier solution
with integrated DSP. This device features a mono 5.3 W boosted Class D
amplifier that provides very loud audio without compromising sound quality,
high efficiency and the lowest noise and quiescent power consumption
of any amplifier in its class. Voltage and current sensing feedback at the
speaker output and battery improves the accuracy of the amplifier and
integrated algorithms. Speaker protection algorithms enable maximum
loudness by allowing the amplifier to safely drive high output power while
ensuring that the speaker’s thermal and excursion limits are not exceeded.
Audio enhancement algorithms provide equalization, compression and
psychoacoustic improvements to fine-tune the speaker to improve clarity,
loudness and frequency response while maintaining the sound quality of
the audio. A cutting-edge battery management system adapts to speaker,
audio and battery conditions to intelligently regulate battery current without
sacrificing loudness or audio quality. The CS35L41 provides this level of
performance within a package smaller than any smart amplifier in its class,
and almost half the size of other leading DSP smart amps.


Similar Part No. - CS35L41

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZR CIRRUS-CS35L00-CNZR Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
More results

Similar Description - CS35L41

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2510 EUTECH-EUA2510 Datasheet
157Kb / 1P
2.7W Boosted Class-D Audio Power Amplifier
EUA2510A EUTECH-EUA2510A Datasheet
156Kb / 1P
Low EMI 2.7W Boosted Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX98502 MAXIM-MAX98502 Datasheet
2Mb / 15P
Boosted 2.2W Class D Amplifier with Automatic Level Control
Rev 0; 12/11
logo
Texas Instruments
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
Boosted Stereo Class D Audio Power Amplifier
TAS2562 TI1-TAS2562 Datasheet
229Kb / 8P
6-W Boosted Class-D Audio Amplifier with IV Sense
TAS2563 TI1-TAS2563 Datasheet
3Mb / 99P
6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
TAS2563 TI-TAS2563_V01 Datasheet
5Mb / 127P
TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
logo
Maxim Integrated Produc...
MAX98390 MAXIM-MAX98390 Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
19-100540; Rev 3; 7/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com