Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO6741 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6741
Description  ISO674x General-Purpose Quad-Channel Digital Isolators with Robust EMC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6741 Datasheet(HTML) 2 Page - Texas Instruments

  ISO6741 Datasheet HTML 1Page - Texas Instruments ISO6741 Datasheet HTML 2Page - Texas Instruments ISO6741 Datasheet HTML 3Page - Texas Instruments ISO6741 Datasheet HTML 4Page - Texas Instruments ISO6741 Datasheet HTML 5Page - Texas Instruments ISO6741 Datasheet HTML 6Page - Texas Instruments ISO6741 Datasheet HTML 7Page - Texas Instruments ISO6741 Datasheet HTML 8Page - Texas Instruments ISO6741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................2
Pin Functions.................................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................6
6.5 Power Ratings.............................................................6
6.6 Insulation Specifications............................................. 7
6.7 Safety-Related Certifications...................................... 8
6.8 Safety Limiting Values.................................................8
6.9 Electrical Characteristics—5-V Supply....................... 9
6.10 Supply Current Characteristics—5-V Supply............ 9
6.11 Electrical Characteristics—3.3-V Supply.................10
6.12 Supply Current Characteristics—3.3-V Supply....... 10
6.13 Electrical Characteristics—2.5-V Supply ................11
6.14 Supply Current Characteristics—2.5-V Supply....... 11
6.15 Electrical Characteristics—1.8-V Supply................ 12
6.16 Supply Current Characteristics—1.8-V Supply....... 12
6.17 Switching Characteristics—5-V Supply...................13
6.18 Switching Characteristics—3.3-V Supply................14
6.19 Switching Characteristics—2.5-V Supply................15
6.20 Switching Characteristics—1.8-V Supply................16
7 Parameter Measurement Information.......................... 17
8 Detailed Description......................................................19
8.1 Overview................................................................... 19
8.2 Functional Block Diagram......................................... 19
8.3 Feature Description...................................................20
8.4 Device Functional Modes..........................................21
9 Layout.............................................................................26
9.1 Layout Guidelines..................................................... 26
9.2 Layout Example........................................................ 26
10 Device and Documentation Support..........................27
10.1 Documentation Support.......................................... 27
10.2 Related Links.......................................................... 27
10.3 Receiving Notification of Documentation Updates..27
10.4 Support Resources................................................. 27
10.5 Trademarks.............................................................27
10.6 Electrostatic Discharge Caution..............................27
10.7 Glossary..................................................................27
11 Mechanical, Packaging, and Orderable
Information.................................................................... 28
11.1 Package Option Addendum.................................... 29
11.2 Tape and Reel Information...................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Date
Revision
Notes
August 2020
*
Initial Release
5 Pin Configuration and Functions
1
VCC1
16
VCC2
2
GND1
15
GND2
3
INA
14
OUTA
4
INB
13
OUTB
5
INC
12
OUTC
6
OUTD
11
IND
7
EN1
10
EN2
8
GND1
9
GND2
Not to scale
Figure 5-1. ISO6741 DW Package 16-Pin SOIC-WB Top View
ISO6741
SLLSFJ6 – AUGUST 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO6741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com