Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF07N10 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF07N10
Description  N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF07N10 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF07N10 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF07N10 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF07N10 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF07N10 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF07N10 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
100
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.098
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=
1A
---
195
250
m
Ω
VGS=
6V , ID=1A
---
240
320
m
Ω
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.5
2.0
3.0
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-4.57
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=80V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=80V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=
5A
---
1
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
2
4
Ω
Qg
Total Gate Charge (10V)
VDS=
50V , VGS=10V , ID=1.3A
---
5.2
---
nC
Qgs
Gate-Source Charge
---
0.75
---
Qgd
Gate-Drain Charge
---
1.4
---
Td(on)
Turn-On Delay Time
VDD=
30V , VGS=10V , RG=6Ω
ID=1A
, RL=30Ω
---
6
---
ns
Tr
Rise Time
---
10
---
Td(off)
Turn-Off Delay Time
---
10
---
Tf
Fall Time
---
6
---
Ciss
Input Capacitance
VDS=
30V , VGS=0V , f=1MHz
---
320
---
pF
Coss
Output Capacitance
---
22
---
Crss
Reverse Transfer Capacitance
---
13
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
3
A
Diode Forward Voltage
2
VGS=0V , IS=
3A , TJ=25℃
---
---
1.
2
V
Diode Characteristics
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
N-Ch MOSFET
Page 2
www.winsok.tw
Dec.2017
WSF07N10
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
VSD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com