Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS596PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS596PWR
Description  SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS596PWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS596PWR Datasheet HTML 1Page - Texas Instruments SN74HCS596PWR Datasheet HTML 2Page - Texas Instruments SN74HCS596PWR Datasheet HTML 3Page - Texas Instruments SN74HCS596PWR Datasheet HTML 4Page - Texas Instruments SN74HCS596PWR Datasheet HTML 5Page - Texas Instruments SN74HCS596PWR Datasheet HTML 6Page - Texas Instruments SN74HCS596PWR Datasheet HTML 7Page - Texas Instruments SN74HCS596PWR Datasheet HTML 8Page - Texas Instruments SN74HCS596PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
SER
RCLK
SRCLK
V
CC
15
16
Q
B
Q
C
Q
D
Q
E
Q
F
Q
G
Q
H
Q
A
OE
SRCLR
Q
H¶
D or PW Package 16-Pin SOIC or TSSOP Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
QB
1
Output
QB output (open-drain)
QC
2
Output
QC output (open-drain)
QD
3
Output
QD output (open-drain)
QE
4
Output
QE output (open-drain)
QF
5
Output
QF output (open-drain)
QG
6
Output
QG output (open-drain)
QH
7
Output
QH output (open-drain)
GND
8
—
Ground
QH'
9
Output
Serial output, can be used for cascading (push-pull)
SRCLR
10
Input
Shift register clear, active low
SRCLK
11
Input
Shift register clock, rising edge triggered
RCLK
12
Input
Output register clock, rising edge triggered
OE
13
Input
Output Enable, active low
SER
14
Input
Serial input
QA
15
Output
QA output (open-drain)
VCC
16
—
Positive supply
Thermal Pad 1
—
The thermal pad can be connect to GND or left floating. Do not connect to any other signal
or supply.
1. BQ package only.
www.ti.com
SN74HCS596
SCLS840 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com