Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE-A140A-R11 Datasheet(PDF) 2 Page - IEI Integration Corp.

Part # ACE-A140A-R11
Description  400 W P ACE-A140A S/2 ATX Power Supply with ErP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IEI [IEI Integration Corp.]
Direct Link  https://www.ieiworld.com/
Logo IEI - IEI Integration Corp.

ACE-A140A-R11 Datasheet(HTML) 2 Page - IEI Integration Corp.

  ACE-A140A-R11 Datasheet HTML 1Page - IEI Integration Corp. ACE-A140A-R11 Datasheet HTML 2Page - IEI Integration Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Supply / Peripherals
w w w . i ei w or l d .c om
Power Supply
Input
Voltage
90~264 VAC Full Range
Frequency
47 Hz ~ 63 Hz
Input Current
6A (RMS)@115VAC, 3A (RMS)@230VAC
Inrush Current
65A max. for 115VAC
147A max. for 230VAC
Output
Voltage
Min. load
Max. load
Ripple & Noise
+3.3V
0.1 A
21 A
50mV
+5V
0.2 A
20 A
50mV
+12V1
0.1 A
16 A
120mV
+12V2
0.5 A
16 A
120mV
-12V
0 A
0.5 A
120mV
-5V
0 A
0.3 A
50mV
+5VSB
0 A
3 A
50mV
The +3.3V and +5V total output shall not exceed 130 watts.
Total output for this power supply is 400 watts.
Over Voltage
Protection
+3.3V: 3.5V-4.5V
+5V: 5.5V-6.82V
+12V1 and +12V2: 13.4V-15.6V
Short Circuit
Protection
+3.3V, +5V, +12V or -12V shutdown and latch off
General
Specifications
Watt
400W
PFC
Active
Hold-up Time
17 ms Min.
Efficiency
85%
MTBF
100000 hours
Temperature
Operating: -5°C ~ 50°C
Storage: -40°C ~ 80°C
Dimensions (mm) 140 x 150 x 86
Output
Connector
1 x 20+4-PIN ATX, 1 x 4-pin 12V CPU,
8 x HDD/CDROM, 2 x FDD, 1 x Extra +5V (P10)
ACE-A140A-S-2019-V10
400 W PS/2 ATX Power Supply with ErP
ACE-A140A-S
Specifications
Dimensions (Unit: mm)
Part No.
Description
ACE-A140A-S-R11
400W PS/2 ATX Power Supply with ErP & on/off switch, meets
80 PLUS (Bronze)
Ordering Information
400W
PFC
CB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com