Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3521 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 3521
Description  SMD POWER RESISTORS AEC-Q200 QUALIFIED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3521 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  3521 Datasheet HTML 1Page - TE Connectivity Ltd 3521 Datasheet HTML 2Page - TE Connectivity Ltd 3521 Datasheet HTML 3Page - TE Connectivity Ltd 3521 Datasheet HTML 4Page - TE Connectivity Ltd 3521 Datasheet HTML 5Page - TE Connectivity Ltd 3521 Datasheet HTML 6Page - TE Connectivity Ltd 3521 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMD POWER RESISTORS AEC-Q200 QUALIFIED
9-1773463-5 Rev G 02/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Recommended solder pad
A
Width
(mm)
B
Pad (mm)
C
Spacing
(mm
3.0
1.5
5.0
4 layers PCB specification:
1) Outside 2 layers (Top and Bottom) with copper foil thickness at 2oz.
2) Inside 2 layers (Middle layers) with copper foil thickness at 4 oz.
Marking:
For E24 series Values three digit marking, the first two digits are significant
figures and the third denoting number of zeros.
E.G.
333
KΩ
For Oh i Values elo
Ω
E.G.
3R3
.Ω
For E96 Values four digit marking, the first three showing significant figures
and the fourth showing number of zeros. As previously letter R is for decimal
point.
E.G.
4992
49K9
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com