Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF20P03 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF20P03
Description  P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF20P03 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF20P03 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF20P03 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF20P03 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF20P03 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF20P03 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BVDSS
RDSON
ID
-30V
26mΩ
-
27A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
TO-252 Pin Configuration
Product Summery
Symbol
Parameter
Rating
Units
10s
Steady State
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Sou
rce Voltage
±
25
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V
1
-
27
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V
1
-20
A
ID@TA=25℃
Continuous Drain Current, VGS @ -10V
1
-
9
-
8.5
A
ID@TA=70℃
Continuous Drain Current, VGS @ -10V
1
-
8
-
7.4
A
IDM
Pulsed Drain Current
2
-
60
A
EAS
Single Pulse Avalanche Energy
3
93
mJ
IAS
Avalanche Current
-
25
A
PD@TC=25℃
Total Power Dissipation
4
25
W
PD@TA=25℃
Total Power Dissipation
4
3.5
2.0
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
62
℃
/W
RθJA
Thermal Resistance Junction-Ambient
1 (t
≤10s)
---
25
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
2.8
℃
/W
Absolute Maximum Ratings
Thermal Data
The WSF20P03 is the highest performance trench
P-Ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the small power switching and load
switch applications.
The WSF20P03 meet the RoHS and Green
Product requirement with full function reliability
approved.
WSF20P03
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014


Similar Part No. - WSF20P03

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF2060 WIINSOK-WSF2060 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF2065 WIINSOK-WSF2065 Datasheet
1Mb / 5P
Power switching application
logo
Shenzhen Winsemi Microe...
WSF20D100 WINSEMI-WSF20D100 Datasheet
605Kb / 5P
Power Schottky Rectifier
WSF20D100-HF WINSEMI-WSF20D100-HF Datasheet
605Kb / 5P
Power Schottky Rectifier
WSF20D100L WINSEMI-WSF20D100L Datasheet
605Kb / 5P
Power Schottky Rectifier
More results

Similar Description - WSF20P03

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com