Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6D11T-E Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6D11T-E
Description  Low-Noise, Precision, 90 MHz Differential I/O Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6D11T-E Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6D11T-E Datasheet HTML 9Page - Microchip Technology MCP6D11T-E Datasheet HTML 10Page - Microchip Technology MCP6D11T-E Datasheet HTML 11Page - Microchip Technology MCP6D11T-E Datasheet HTML 12Page - Microchip Technology MCP6D11T-E Datasheet HTML 13Page - Microchip Technology MCP6D11T-E Datasheet HTML 14Page - Microchip Technology MCP6D11T-E Datasheet HTML 15Page - Microchip Technology MCP6D11T-E Datasheet HTML 16Page - Microchip Technology MCP6D11T-E Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
 2019 Microchip Technology Inc.
DS20006162A-page 13
MCP6D11
Note: Unless otherwise indicated, TA =25°C, VDD -VSS = 2.5V to 5.5V, VOCM = open, VICM = mid-supply, PD\ = VDD,
single-ended input, 50
 input match, G = 1V/V, RF =RG =1 kCL = 0 pF and RL =1 k between the differential
outputs.
FIGURE 3-13:
VOCM Small- and Large-Signal
Frequency Response, Gain = 1V/V.
FIGURE 3-14:
CMRR vs. Frequency
(Simulation).
FIGURE 3-15:
+PSRR, -PSRR vs. Frequency,
(Simulation).
FIGURE 3-16:
Differential Open-Loop Gain
and Phase vs. Frequency (Simulation).
FIGURE 3-17:
Output Balance vs. Frequency,
VOUTDM = 100mVpp, Gain = 1V/V (Simulation).
FIGURE 3-18:
Closed-Loop, Differential
Output Impedance vs. Frequency (Simulation).
-18
-15
-12
-9
-6
-3
0
3
6
Frequency (Hz)
100mVpp, 2.5V
100mVpp, 5.5V
1Vpp, 2.5V
1Vpp, 5.5V
100k
1M
10M
100M
40
50
60
70
80
90
100
110
120
Frequency (Hz)
CMRR 2.5V
CMRR 5.5V
10k
100k
10M
100M
1M
40
60
80
100
120
140
Frequency (Hz)
PSRR+ 2.5V
PSRR+ 5.5V
PSRR- 2.5V
PSRR- 5.5V
10k
100k
1M
10M
100M
-270
-240
-210
-180
-150
-120
-90
-60
-30
0
-20
0
20
40
60
80
100
120
140
160
quency(H )
Gain 5.5V
Gain 2.5V
Phase 5.5V
Phase 2.5V
1
100
100M
10
1
40
45
50
55
60
65
70
75
80
85
90
Frequency (Hz)
10k
100k
1M
10M
V
DD = 5. V
V
DD =
V
Frequency (Hz)
V
DD = 2.5V
100
1k
10k
10M
100M
G = 1V/V
G = 2V/V
G = 5V/V
10000
1000
100
10
1
0.1
0.01
0.001
0.0001
10 k
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com