Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF40P03 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF40P03
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF40P03 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF40P03 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF40P03 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF40P03 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF40P03 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF40P03 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF40P03 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BVDSS
RDSON
ID
-30V
18mΩ
-40A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
Power Magagement in Desktop
DC/DC Converters.
Load Switch
TO-252 Pin Configuration
Product Summery
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±
25
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V
-40
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V
-25
A
ID@TA=25℃
Continuous Drain Current, VGS @ -10V
-9.6
A
ID@TA=70℃
Continuous Drain Current, VGS @ -10V
-7.7
A
Pulsed Drain Current
-160
A
Single Pulse Avalanche Energy
28
mJ
Avalanche Current
-20
A
PD@TA=25℃
Total Power Dissipation
2.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
Thermal Resistance Junction-Ambient
---
50
℃
/W
RθJC
Thermal Resistance Junction-Case
---
2.9
℃
/W
Absolute Maximum Ratings
Thermal Data
The WSF40P03 is the highest performance
trench P-Ch MOSFET with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the small power
switching and load switch applications.
The WSF40P03 meet the RoHS and Green
Product requirement with full function
reliability approved.
WSF40P03
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
Note a:Pulse width limited by max. junction temperature.
Note b:UIS tested and pulse width limited by maximum junction temperature 150oC (initial temperature Tj=25oC).
Note c:Surface Mounted on 1in2 pad area.
IDM a
RqJAc
IAS b
EAS b


Similar Part No. - WSF40P03

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF40P04 WIINSOK-WSF40P04 Datasheet
1Mb / 7P
P-Ch MOSFET
More results

Similar Description - WSF40P03

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com