Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF45P06 Datasheet(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF45P06
Description  P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF45P06 Datasheet(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF45P06 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P06 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P06 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P06 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P06 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10
100
1000
10000
1
5
9
13
17
21
25
-VDS Drain to Source Voltage(V)
F=1.0MHz
Ciss
Coss
Crss
0.01
0.10
1.00
10.00
100.00
0.1
1
10
100
-VDS (V)
Tc=25
oC
Single Pulse
100ms
100us
1ms
10ms
DC
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
PDM
D = TON/T
TJpeak = TC + PDM x RθJC
TON
T
0.02
0.01
0.05
0.1
0.3
DUTY=0.5
SINGLE PULSE
Fig.8 Safe Operating Area
t , Pulse Width (s)
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Waveform
WSF45P06
P-Ch MOSFET
Page 4
www.winsok.tw
Dec.2014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com