Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA4809 Datasheet(PDF) 13 Page - Microchip Technology

Part # ATMEGA4809
Description  ATmega4809 Curiosity Nano Hardware User Guide
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4809 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATMEGA4809 Datasheet HTML 9Page - Microchip Technology ATMEGA4809 Datasheet HTML 10Page - Microchip Technology ATMEGA4809 Datasheet HTML 11Page - Microchip Technology ATMEGA4809 Datasheet HTML 12Page - Microchip Technology ATMEGA4809 Datasheet HTML 13Page - Microchip Technology ATMEGA4809 Datasheet HTML 14Page - Microchip Technology ATMEGA4809 Datasheet HTML 15Page - Microchip Technology ATMEGA4809 Datasheet HTML 16Page - Microchip Technology ATMEGA4809 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Figure 3-5. Kit Modifications
GPIO straps (bottom side)
VTG strap (top side)
3.5
Current Measurement
The power to the ATmega4809 is connected from the onboard power supply to the target voltage supply
(VTG) with a cut strap as shown in Section 3.4 Disconnecting the Onboard Debugger. To measure the
power consumption of the ATmega4809 and other peripherals connected to the board, cut the strap and
connect an ammeter over the strap. The ammeter can be connected between the target VTG pad edge
connector and an external power supply for easy measurement. Alternatively, an external power supply
can be used as described in Section 3.3.2 External Supply.
Info:  The onboard level shifters will draw a small amount of current even when they are not in
use. A maximum of 10 µA can be drawn from the VTG net and an additional 2 µA can be drawn
from each I/O pin connected to a level shifter for a total of 20 µA. Disconnect the onboard
debugger and level shifters as described in Section 3.4 Disconnecting the Onboard Debugger
to prevent any leakage.
ATmega4809 Curiosity Nano
Curiosity Nano
© 2018 Microchip Technology Inc.
User Guide
DS50002804A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com