Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVH-25LSFP301604 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # AVH-25LSFP301604
Description  AVH Series ?밃nti-Vandal High Current Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AVH-25LSFP301604 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  AVH-25LSFP301604 Datasheet HTML 1Page - TE Connectivity Ltd AVH-25LSFP301604 Datasheet HTML 2Page - TE Connectivity Ltd AVH-25LSFP301604 Datasheet HTML 3Page - TE Connectivity Ltd AVH-25LSFP301604 Datasheet HTML 4Page - TE Connectivity Ltd AVH-25LSFP301604 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AVH Series –Anti-Vandal High Current Pushbutton Switches
Document 2364568-0
Rev B
Date: 26-FEB-2020
Dimensions in
millimetres
[Inch]
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Applications
•
Machinery.
•
Automotive
Electronics.
•
Strict Access
Control Systems.
•
Shipping
Equipment.
•
Medical
Equipment.
•
Horticulture.
•
Bath
Accessories.
Features
•
High current,
16A & 26A are
available.
•
Flat Button
Type.
•
Momentary and
Locking
Actuation
Available.
•
Independent
LED Control (7
color options).
•
Bushing sizes,
19, 22 & 25mm
are available.
•
UL Recognized.
AVH Series –Anti-Vandal High Current Pushbutton Switches
The AVH Series addresses high current applications. These high-quality Anti-Vandal
switches are available in 19mm, 22mm and 25mm diameter bushings for a wide
range of possible applications. In addition, AVH Series provide more options for
operating, LED light types, light colors and LED voltages to fulfill the variety
requirements.
The AVH Switches are characterised by contact rating of 16A, 26A/ 125, 250VAC.
Reference TE Customer Drawing for application instructions.
AVH Series – Type Classification
Type
AVH19
AVH22
AVH25
Bushing Size
19mm
22mm
25mm
Actuation
Momentary / Locking
Rating
16A, 26A/ 125, 250VAC
Contact
Resistance
50mΩ Max.
Operation
Temperature
-25°C to 85°C
Mechanical Life
1,000,000 cycles, Momentary
500,000 cycles, Locking
Electrical Life
50,000 cycles, 16A
10,000 cycles, 26A
Sealing
Silicone
Operation Force
3.5±1.5N
Travel
3.2mm
Ingress
Protection
IP67, IK08


Similar Part No. - AVH-25LSFP301604

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AVH19MSFO001604 TEC-AVH19MSFO001604 Datasheet
499Kb / 5P
AVH Series –Anti-Vandal High Current Pushbutton Switches
Rev B
AVH19MSFP3241604 TEC-AVH19MSFP3241604 Datasheet
499Kb / 5P
AVH Series –Anti-Vandal High Current Pushbutton Switches
Rev B Date: 26-FEB-2020
logo
Aplus Intergrated Circu...
AVH308 APLUS-AVH308 Datasheet
443Kb / 10P
single-chip voice synthesizing CMOS IC
AVH316B APLUS-AVH316B Datasheet
249Kb / 9P
single-chip synthesizing CMOS VLSI
AVH316C APLUS-AVH316C Datasheet
249Kb / 9P
single-chip synthesizing CMOS VLSI
More results

Similar Description - AVH-25LSFP301604

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM16ST SCHURTER-MSM16ST Datasheet
752Kb / 17P
Vandal-proof MSM switches
logo
C&K Components
21125 CK-COMPONENTS-21125 Datasheet
440Kb / 10P
F Series Pushbutton Switches
logo
List of Unclassifed Man...
AV090003A940N ETC-AV090003A940N Datasheet
1Mb / 31P
Anti-vandal and security pushbutton switches
logo
Carling Technologies
P26T-1D-BL CARLINGTECH-P26T-1D-BL Datasheet
124Kb / 1P
P26-Series Pushbutton Switches
P27L-BL CARLINGTECH-P27L-BL Datasheet
116Kb / 1P
P27-Series Pushbutton Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
Anti-Vandal Sealed Pushbutton Switch
5 May 21
ATPS19 CK-COMPONENTS-ATPS19 Datasheet
581Kb / 3P
Anti-Vandal Short-Body Sealed Pushbutton Switch
5 Jul 22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com