Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVH-25LSFO501604 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # AVH-25LSFO501604
Description  AVH Series ?밃nti-Vandal High Current Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AVH-25LSFO501604 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  AVH-25LSFO501604 Datasheet HTML 1Page - TE Connectivity Ltd AVH-25LSFO501604 Datasheet HTML 2Page - TE Connectivity Ltd AVH-25LSFO501604 Datasheet HTML 3Page - TE Connectivity Ltd AVH-25LSFO501604 Datasheet HTML 4Page - TE Connectivity Ltd AVH-25LSFO501604 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AVH Series –Anti-Vandal High Current Pushbutton Switches
Document 2364568-0
Rev B
Date: 26-FEB-2020
Dimensions in
millimetres
[Inch]
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Part numbering – How to order
-Example PN: AVH19MSFE3122604
Series: AVH
Bushing Size:
19 – 19mm
22 – 22mm
25 – 25mm
Contact:
L – Locki ng
M - Momentary
Body Type:
S – Stainl ess Steel (19mm)
SS – Stai nless Steel (22 & 25mm)
Button Type: Fl at
Light Type:
O – No LED
E – Ring, Moving
P – Power Symbol
E1 – Ring + Power Symbol
Compliance:
04 – RoHS Compl iant
Rating:
16 – 16A
26 – 26A
LED Voltage:
0 – No LED
12 – 12V
24 – 24V
Light Color:
0 – No LED
1 – White
3 – Red
5 – Yellow
6 – Green
7 – Blue
A – Red & Green
B – Red & Blue
AVH
F
04
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com