Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDL36175AB Datasheet(PDF) 1 Page - Schneider Electric

Part # JDL36175AB
Description  PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

JDL36175AB Datasheet(HTML) 1 Page - Schneider Electric

  JDL36175AB Datasheet HTML 1Page - Schneider Electric JDL36175AB Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
JDL36175AB
PowerPact J-Frame breaker, thermal-magnetic,
175 A, 3P, 14 kA at 600 VAC
Product availability : Non-Stock - Not normally stocked in distribution facility
Main
Product or component type
Circuit breaker
Range of product
PowerPact J
Trip unit technology
Thermal-magnetic
Breaking capacity code
D
Accessory / separate part type
Auxiliary switch 2 NO + 2 NC
Complementary
Line Rated Current
175 A
Number of poles
3
Poles description
3P
Breaking capacity
25 kA 240 V AC
18 kA 480 V AC
14 kA 600 V AC
20 kA 250 V DC
[Ue] rated operational voltage
600 V AC
250 V DC
Continuous current rating
80 %
Mounting mode
Unit mount
Electrical connection
Lugs load
Lugs line
AWG gauge
AWG 4...AWG 4/0 aluminium/copper
Magnetic hold current
875 A
Magnetic tripping current
1750 A
Maximum Height
7.52 in (191.01 mm)
Maximum Width
4.12 in (104.65 mm)
Maximum Depth
5 in (127.00 mm)
Tightening torque
230.12 lbf.in (26 N.m) 0.04…0.15 in² (25…95 mm²) AWG 4...AWG 4/0)
 
Sep 9, 2020
1


Similar Part No. - JDL36175AB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
JDL36175AA SCHNEIDER-JDL36175AA Datasheet
142Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
JDL36175AASA SCHNEIDER-JDL36175AASA Datasheet
125Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
JDL36175AAUO SCHNEIDER-JDL36175AAUO Datasheet
126Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
More results

Similar Description - JDL36175AB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
JDL36175 SCHNEIDER-JDL36175 Datasheet
163Kb / 3P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Aug 6, 2020
JDL36175C SCHNEIDER-JDL36175C Datasheet
65Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Aug 6, 2020
JDF36175 SCHNEIDER-JDF36175 Datasheet
125Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
JDL36175AA SCHNEIDER-JDL36175AA Datasheet
142Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
JDL36175AASA SCHNEIDER-JDL36175AASA Datasheet
125Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
JDL36175CA SCHNEIDER-JDL36175CA Datasheet
126Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
JDL36175LV SCHNEIDER-JDL36175LV Datasheet
65Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
JDL36175SA SCHNEIDER-JDL36175SA Datasheet
142Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
JDL36175T SCHNEIDER-JDL36175T Datasheet
128Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
JDM36175 SCHNEIDER-JDM36175 Datasheet
129Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 14 kA at 600 VAC
Sep 9, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com