Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54466 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 54466
Description  Product Information Bulletin Medical Overhead Halogen Lamps Tungsten Halogen Low to Medium Voltage Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

54466 Datasheet(HTML) 2 Page - OSRAM GmbH

  54466 Datasheet HTML 1Page - OSRAM GmbH 54466 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08/2001
For Orders and
General Information:
OSRAM SYLVANIA
National Customer
Support Center
18725 N. Union Street
Westfield, IN 46074
Photo-Optic
Phone: 1-888-677-2627
Phone: 1-888-OSRAMCS
Fax: 1-800-762-7192
Special Markets
Phone: 1-800-762-7191
Fax: 1-800-762-7192
Industrial and Commercial
Phone: 1-800-255-5042
Fax: 1-800-255-5043
In Canada
OSRAM SYLVANIA LTD.
Headquarters
2001 Drew Road
Mississauga, ON L5S 1S4
Industrial and Commercial
Phone: 1-800-263-2852
Fax: 1-800-667-6772
Special Markets
Phone: 1-800-265-2852
Fax: 1-800-667-6772
Ordering Information
Visit our website: www.sylvania.com
Lamp
NAED
Standard
Description
Code
Case Quantity
120/T4/SPECIAL 24V
54466
24
235T4Q/2PPF
58941
12
220T4Q/2PPF
58939
12
60T4QCL
58729
12
64642/HLX (FDV)
54054
100
64650
54056
100
64657/HLX (EVC)
54047
100
64654 HLX
54136
30
64638 HLX
53998
100
WARNING
The lamp emits ultraviolet (uv) radiation
and operates at high internal pressure.
Before use read the complete warning
accompanying the product.
Disposal
When disposing of spent lamps, always
consult federal, state, local and
provincial hazardous waste disposal
rules and regulations to ensure proper
disposal.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com