Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL3512H Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL3512H
Description  High Voltage Silicon Diodes for Micro-wave oven
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL3512H Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL3512H Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL3512H Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2CL3512H
350mA 12kV
High Voltage Silicon Diodes for Micro-wave oven
-------------------------------------------------------------------------------------------------------------------------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2020-08 2 / 2
Forward Current Derating Curves
125
100
Average
75
Forward
Current
50
-%
25
0
0
20
40
60
80
100
120
140
Temperature(°C)
Non-Repetitive Surge Current
100
75
Peak
Forward
Surge
50
Current
-%
25
0
1
10
100
Cycles (60Hz)
Forward Characteristics
Reverse Characteristics
500
400
222
300
IFM
(mA) 200
100
0
0
3
6
9
12
15
18
21
VFM(V)
1
0.1
IRRM
(uA)
0.01
0
3
6
9
12
15
VRM (kV)
Ta=25°C
Ta=100°C
Ta=100°C
Ta=25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com