Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F917 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F917
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F917 Datasheet HTML 17Page - Microchip Technology PIC16F917 Datasheet HTML 18Page - Microchip Technology PIC16F917 Datasheet HTML 19Page - Microchip Technology PIC16F917 Datasheet HTML 20Page - Microchip Technology PIC16F917 Datasheet HTML 21Page - Microchip Technology PIC16F917 Datasheet HTML 22Page - Microchip Technology PIC16F917 Datasheet HTML 23Page - Microchip Technology PIC16F917 Datasheet HTML 24Page - Microchip Technology PIC16F917 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 19
PIC16F917/916/914/913
TABLE 2-3:
PIC16F917/916/914/913 SPECIAL REGISTERS SUMMARY BANK 2
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Reset
Value on
all other
Resets(1)
Bank 2
100h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
101h
TMR0
Timer0 Module Register
xxxx xxxx
uuuu uuuu
102h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
0000 0000
103h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
104h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
uuuu uuuu
105h
WDTCON
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN
---0 1000
---0 1000
106h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
107h
LCDCON
LCDEN
SLPEN
WERR
VLCDEN
CS1
CS0
LMUX1
LMUX0
0001 0011
0001 0011
108h
LCDPS
WFT
BIASMD
LCDA
WA
LP3
LP2
LP1
LP0
0000 0000
0000 0000
109h
LVDCON
—
—IRVST
LVDEN
—
LVDL2
LVDL1
LVDL0
--00 -100
--00 -100
10Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
10Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000x
10Ch EEDATL
EEDATL7
EEDATL6
EEDATL5
EEDATL4
EEDATL3
EEDATL2
EEDATL1
EEDATL0
0000 0000
0000 0000
10Dh EEADRL
EEADRL7 EEADRL6 EEADRL5
EEADRL4
EEADRL3
EEADRL2
EEADRL1
EEADRL0
0000 0000
0000 0000
10Eh
EEDATH
—
—
EEDATH5
EEDATH4
EEDATH3
EEDATH2
EEDATH1
EEDATH0
--00 0000
--00 0000
10Fh
EEADRH
—
—
—
EEADRH4 EEADRH3 EEADRH2 EEADRH1 EEADRH0 ---0 0000 ---0 0000
110h
LCDDATA0
SEG7
COM0
SEG6
COM0
SEG5
COM0
SEG4
COM0
SEG3
COM0
SEG2
COM0
SEG1
COM0
SEG0
COM0
xxxx xxxx
uuuu uuuu
111h
LCDDATA1
SEG15
COM0
SEG14
COM0
SEG13
COM0
SEG12
COM0
SEG11
COM0
SEG10
COM0
SEG9
COM0
SEG8
COM0
xxxx xxxx
uuuu uuuu
112h
LCDDATA2(2)
SEG23
COM0
SEG22
COM0
SEG21
COM0
SEG20
COM0
SEG19
COM0
SEG18
COM0
SEG17
COM0
SEG16
COM0
xxxx xxxx
uuuu uuuu
113h
LCDDATA3
SEG7
COM1
SEG6
COM1
SEG5
COM1
SEG4
COM1
SEG3
COM1
SEG2
COM1
SEG1
COM1
SEG0
COM1
xxxx xxxx
uuuu uuuu
114h
LCDDATA4
SEG15
COM1
SEG14
COM1
SEG13
COM1
SEG12
COM1
SEG11
COM1
SEG10
COM1
SEG9
COM1
SEG8
COM1
xxxx xxxx
uuuu uuuu
115h
LCDDATA5(2)
SEG23
COM1
SEG22
COM1
SEG21
COM1
SEG20
COM1
SEG19
COM1
SEG18
COM1
SEG17
COM1
SEG16
COM1
xxxx xxxx
uuuu uuuu
116h
LCDDATA6
SEG7
COM2
SEG6
COM2
SEG5
COM2
SEG4
COM2
SEG3
COM2
SEG2
COM2
SEG1
COM2
SEG0
COM2
xxxx xxxx
uuuu uuuu
117h
LCDDATA7
SEG15
COM2
SEG14
COM2
SEG13
COM2
SEG12
COM2
SEG11
COM2
SEG10
COM2
SEG9
COM2
SEG8
COM2
xxxx xxxx
uuuu uuuu
118h
LCDDATA8(2)
SEG23
COM2
SEG22
COM2
SEG21
COM2
SEG20
COM2
SEG19
COM2
SEG18
COM2
SEG17
COM2
SEG16
COM2
xxxx xxxx
uuuu uuuu
119h
LCDDATA9
SEG7
COM3
SEG6
COM3
SEG5
COM3
SEG4
COM3
SEG3
COM3
SEG2
COM3
SEG1
COM3
SEG0
COM3
xxxx xxxx
uuuu uuuu
11Ah
LCDDATA10
SEG15
COM3
SEG14
COM3
SEG13
COM3
SEG12
COM3
SEG11
COM3
SEG10
COM3
SEG9
COM3
SEG8
COM3
xxxx xxxx
uuuu uuuu
11Bh
LCDDATA11(2)
SEG23
COM3
SEG22
COM3
SEG21
COM3
SEG20
COM3
SEG19
COM3
SEG18
COM3
SEG17
COM3
SEG16
COM3
xxxx xxxx
uuuu uuuu
11Ch
LCDSE0(3)
SE7
SE6
SE5
SE4
SE3
SE2
SE1
SE0
0000 0000
uuuu uuuu
11Dh
LCDSE1(3)
SE15
SE14
SE13
SE12
SE11
SE10
SE9
SE8
0000 0000
uuuu uuuu
11Eh
LCDSE2(2,3)
SE23
SE22
SE21
SE20
SE19
SE18
SE17
SE16
0000 0000
uuuu uuuu
11Fh
—
Unimplemented
—
—
Legend:
-
= Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
PIC16F914/917 only.
3:
This register is only initialized by a POR or BOR reset and is unchanged by other Resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com