Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F917E/ML301 Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16F917E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 67Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 68Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 69Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 70Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 71Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 72Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 73Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 74Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 69
PIC16F917/916/914/913
4.0
CLOCK SOURCES
4.1
Overview
The PIC16F917/916/914/913 has a wide variety of
clock sources and selection features to allow it to be
used in a wide range of applications while maximizing
performance and minimizing power consumption.
Figure 4-1
illustrates
a
block
diagram
of
the
PIC16F917/916/914/913 clock sources.
Clock sources can be configured from external oscillators,
quartz crystal resonators, ceramic resonators, and
Resistor-Capacitor (RC) circuits. In addition, the system
clock source can be configured from one of two internal
oscillators, with a choice of speeds selectable via
software. Additional clock features include:
• Selectable system clock source between external
or internal via software.
• Two-Speed Clock Start-up mode, which
minimizes latency between external oscillator
start-up and code execution.
• Fail-Safe Clock Monitor (FSCM) designed to
detect a failure of the external clock source (LP,
XT, HS, EC or RC modes) and switch to the
Internal Oscillator.
The PIC16F917/916/914/913 can be configured in one
of eight clock modes.
1.
EC – External clock with I/O on RA6.
2.
LP – Low-gain Crystal or Ceramic Resonator
Oscillator mode.
3.
XT – Medium-gain Crystal or Ceramic Resonator
Oscillator mode.
4.
HS – High-gain Crystal or Ceramic Resonator
mode.
5.
RC – External Resistor-Capacitor (RC) with
FOSC/4 output on RA6.
6.
RCIO – External Resistor-Capacitor with I/O on
RA6.
7.
INTOSC – Internal oscillator with FOSC/4 output
on RA6 and I/O on RA7.
8.
INTOSCIO – Internal oscillator with I/O on RA6
and RA7.
Clock source modes are configured by the FOSC<2:0>
bits
in
the
Configuration
Word
register
(see
Section 16.0 “Special Features of the CPU”). The
internal clock can be generated by two oscillators. The
HFINTOSC is a high-frequency calibrated oscillator.
The LFINTOSC is a low-frequency uncalibrated
oscillator.
FIGURE 4-1:
PIC16F917/916/914/913 SYSTEM CLOCK BLOCK DIAGRAM
(CPU and Peripherals)
OSC1
OSC2
Sleep
External Oscillator
LP, XT, HS, RC, RCIO, EC
System Clock
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
125 kHz
250 kHz
IRCF<2:0>
111
110
101
100
011
010
001
000
31 kHz
LCD Module
FOSC<2:0>
(Configuration Word)
SCS
(OSCCON<0>)
Internal Oscillator
(OSCCON<6:4>)
Watchdog Timer (WDT)
Fail-Safe Clock Monitor (FSCM)
HFINTOSC
8 MHz
LFINTOSC
31 kHz
Power-up Timer (PWRT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com