Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC20 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # SC20
Description  Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

SC20 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  SC20 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. SC20 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel SC20
Multi-mode Smart LTE Module
with Wi-Fi & Bluetooth
Build a Smarter World
SC20 is Quectel’s new generation of multi-mode Smart LTE Cat 4 module with built-in Android OS. It contains seven variants:
SC20-CE, SC20-E, SC20-A, SC20-AU, SC20-J, SC20-EU* and Wi-Fi & BT only version SC20-W.
SC20 delivers maximally 150Mbps downlink and 50Mbps uplink data rates based on LTE network, and additionally supports
wireless communication via IEEE 802.11 a/b/g/n (IEEE 802.11 b/g/n for SC20-CE/-W R1.0) and BT4.1 LE (BT4.2 on Android 7).
It is ideal for both industrial and consumer applications requiring high data rate and high-speed internet access. SC20 is
backward-compatible with existing EDGE and GSM/GPRS networks, ensuring that it can be connected even in remote areas
devoid of 3G or LTE coverage.
SC20 supports multiple-input multiple-output (MIMO) technology. The use of multiple antennas at the receiver end at the
same time and on the same frequency band greatly minimizes errors and optimizes the data speed. The module also
combines high-speed wireless connectivity with embedded multi-constellation and high-sensitivity GNSS (GPS, GLONASS and
BeiDou) receiver for positioning.
A rich set of interfaces (such as LCM, Camera, Touch Panel, MIC, SPK, UART, USB, I2C) extend the applicability of the module
to a wide range of M2M applications, such as CPE, wireless POS, smart metering, router, data card, automotive, smart phone,
digital signage, alarm panel, security and industry PDA.
Key
Benefits
Integrates Android OS, Wi-Fi, Bluetooth and GNSS into one module
Worldwide LTE, UMTS/HSPA+ and GSM/GPRS/EDGE coverage
MIMO technology meets demands for data rate and link reliability in
modem wireless communication systems
Multi-constellation GNSS receiver available for applications requiring fast
and accurate fixes in any environment
LCC+LGA package ensures reliable connectivity with applications
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Smart LTE Cat 4
Max 150Mbps (DL)
Max 50Mbps (UL)
Max 42Mbps (DL)
Max 5.76Mbps (UL)
LCC+LGA
Package
Android OS
Powerful Multimedia
Function
Multi-constellation
GNSS
USB 2.0 High Speed
Interface
Rev.: V1.6| Status: Released
BT4.2 (BR/EDR+BLE)
IEEE 802.11
a/b/g/n


Similar Part No. - SC20

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
logo
Pro-Power
SC20 PROPOWER-SC20 Datasheet
114Kb / 2P
Conduit Accessories
01/02/08 V1.0
logo
List of Unclassifed Man...
SC20-1 ETC2-SC20-1 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
logo
Quectel Wireless Soluti...
SC20-A QUECTEL-SC20-A Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC20-AL QUECTEL-SC20-AL Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
More results

Similar Description - SC20

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
World Produts Inc.
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
Bluetooth / Wi-Fi Flex Antenna
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
logo
Quectel Wireless Soluti...
SC600Y QUECTEL-SC600Y Datasheet
529Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600T QUECTEL-SC600T Datasheet
534Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC200R QUECTEL-SC200R Datasheet
600Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC66 QUECTEL-SC66 Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC20 QUECTEL-SC20_V01 Datasheet
650Kb / 3P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com