Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C33512PFD18A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C33512PFD18A
Description  3.3V 512K x 18 pipeline burst synchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512PFD18A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C33512PFD18A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33512PFD18A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512PFD18A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512PFD18A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512PFD18A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512PFD18A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512PFD18A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512PFD18A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512PFD18A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
®
AS7C33512PFD18A
12/1/04; v.1.3
Alliance Semiconductor
2 of 20
8 Mb Synchronous SRAM products list1,2
1 Core Power Supply: VDD = 3.3V + 0.165V
2 I/O Supply Voltage: VDDQ = 3.3V + 0.165V for 3.3V I/O
VDDQ = 2.5V + 0.125V for 2.5V I/O
PL-SCD
:
Pipelined Burst Synchronous SRAM - Single Cycle Deselect
PL-DCD
:
Pipelined Burst Synchronous SRAM - Double Cycle Deselect
FT
:
Flow-through Burst Synchronous SRAM
NTD1-PL
:
Pipelined Burst Synchronous SRAM with NTDTM
NTD-FT
:
Flow-through Burst Synchronous SRAM with NTDTM
Org
Part Number
Mode
Speed
512KX18
AS7C33512PFS18A
PL-SCD
166/133 MHz
256KX32
AS7C33256PFS32A
PL-SCD
166/133 MHz
256KX36
AS7C33256PFS36A
PL-SCD
166/133 MHz
512KX18
AS7C33512PFD18A
PL-DCD
166/133 MHz
256KX32
AS7C33256PFD32A
PL-DCD
166/133 MHz
256KX36
AS7C33256PFD36A
PL-DCD
166/133 MHz
512KX18
AS7C33512FT18A
FT
7.5/8.5/10 ns
256KX32
AS7C33256FT32A
FT
7.5/8.5/10 ns
256KX36
AS7C33256FT36A
FT
7.5/8.5/10 ns
512KX18
AS7C33512NTD18A
NTD-PL
166/133 MHz
256KX32
AS7C33256NTD32A
NTD-PL
166/133 MHz
256KX36
AS7C33256NTD36A
NTD-PL
166/133 MHz
512KX18
AS7C33512NTF18A
NTD-FT
7.5/8.5/10 ns
256KX32
AS7C33256NTF32A
NTD-FT
7.5/8.5/10 ns
256KX36
AS7C33256NTF36A
NTD-FT
7.5/8.5/10 ns
1. NTD: No Turnaround Delay. NTDTM is a trademark of Alliance Semiconductor Corporation. All trademarks mentioned in this document are the prop-
erty of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com