Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C33512PFD32A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C33512PFD32A
Description  3.3V 512K x 32/36 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512PFD32A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C33512PFD32A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33512PFD32A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512PFD32A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512PFD32A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512PFD32A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512PFD32A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512PFD32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512PFD32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512PFD32A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2005
Copyright © Alliance Semiconductor. All rights reserved.
®
2/10/05, v 1.3
Alliance Semiconductor
1 of 19
3.3V 512K
× 32/36 pipelined burst synchronous SRAM
AS7C33512PFD32A
AS7C33512PFD36A
Features
• Organization: 524,288 words × 32 or 36 bits
• Fast clock speeds to 166 MHz
• Fast clock to data access: 3.4/3.8 ns
•Fast OE access time: 3.4/3.8 ns
• Fully synchronous register-to-register operation
• Double-cycle deselect
• Asynchronous output enable control
• Available in 100-pin TQFP package
• Individual byte write and global write
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Linear or interleaved burst control
• Snooze mode for reduced power-standby
• Common data inputs and data outputs
Logic block diagram
Selection guide
-166
-133
Units
Minimum cycle time
6
7.5
ns
Maximum clock frequency
166
133
MHz
Maximum clock access time
3.4
3.8
ns
Maximum operating current
300
275
mA
Maximum standby current
90
80
mA
Maximum CMOS standby current (DC)
60
60
mA
Q0
Q1
512K × 32/36
Memory
array
Burst logic
CLK
CLR
CE
Address
DQ
CE
CLK
DQd
CLK
DQ
Byte write
registers
register
DQc
CLK
DQ
Byte write
registers
DQb
CLK
DQ
Byte write
registers
DQa
CLK
DQ
Byte write
registers
Enable
CLK
DQ
register
Enable
CLK
DQ
delay
register
CE
Output
registers
Input
registers
Power
down
DQ[a:d]
4
36/32
19
17
19
19
GWE
BWE
BWd
ADV
ADSC
ADSP
CLK
CE0
CE1
CE2
BWc
BWb
BWa
OE
ZZ
LBO
OE
CLK
CLK
36/32
36/32
A[18:0]


Similar Part No. - AS7C33512PFD32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFD18A-133TQC ALSC-AS7C33512PFD18A-133TQC Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFD18A-133TQCN ALSC-AS7C33512PFD18A-133TQCN Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFD18A-133TQI ALSC-AS7C33512PFD18A-133TQI Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFD18A-133TQIN ALSC-AS7C33512PFD18A-133TQIN Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33512PFD32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C331MPFD32A ALSC-AS7C331MPFD32A Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A ALSC-AS7C331MPFS32A Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C25512PFD32A ALSC-AS7C25512PFD32A Datasheet
523Kb / 19P
2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33256PFD32A ALSC-AS7C33256PFD32A Datasheet
527Kb / 20P
3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
3.3V 512K x 32/36 pipelined burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com